Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM372V3200CK4 Datasheet(PDF) 18 Page - Samsung semiconductor

Part # KMM372V3200CK4
Description  32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372V3200CK4 Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button KMM372V3200CK4 Datasheet HTML 10Page - Samsung semiconductor KMM372V3200CK4 Datasheet HTML 11Page - Samsung semiconductor KMM372V3200CK4 Datasheet HTML 12Page - Samsung semiconductor KMM372V3200CK4 Datasheet HTML 13Page - Samsung semiconductor KMM372V3200CK4 Datasheet HTML 14Page - Samsung semiconductor KMM372V3200CK4 Datasheet HTML 15Page - Samsung semiconductor KMM372V3200CK4 Datasheet HTML 16Page - Samsung semiconductor KMM372V3200CK4 Datasheet HTML 17Page - Samsung semiconductor KMM372V3200CK4 Datasheet HTML 18Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
DRAM MODULE
KMM372V320(8)0CK4
Tolerances :
±.005(.13) unless otherwise specified
The used device is 16Mx4 DRAM with Fast Page mode, SOJ
DRAM Part No. : KMM372V3200CK4 - KM44V16100CK.
KMM372V3280CK4 - KM44V16000CK.
PACKAGE DIMENSIONS
Units : Inches (millimeters)
0.050
0.039
±.002
0.01Max
(0.25 Max)
(1.000
±.050)
(1.270)
Detail C
0.250
(6.350)
Detail A
0.1230
±.0050
(3.125
±.125)
0.250
(6.350)
Detail B
0.1230
±.0050
(3.125
±.125)
0.079
±.0040
(2.000
±.100)
0.079
±.0040
(2.000
±.100)
5.250
5.014
0.050
±0.0039
(1.270
±0.10)
R 0.079
(R 2.000)
0.250
(6.350)
1.450
(36.830)
2.150
(54.61)
0.350
.118DIA
±.004
(3.000DIA
±.100)
(8.890)
A
B
C
0.250
(6.350)
.450
(11.430)
4.550
(115.57)
0.157
±0.004
(4.000
±0.100)
0.054
(1.372)
(127.350)
(133.350)
0.118
(3.000)
0.350Max
(8.89Max)
( Back view )
( Front view )


Similar Part No. - KMM372V3200CK4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results

Similar Description - KMM372V3200CK4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M374F3200DJ1-C SAMSUNG-M374F3200DJ1-C Datasheet
510Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372C1680BS SAMSUNG-KMM372C1680BS Datasheet
430Kb / 18P
   16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
KMM372V883BK SAMSUNG-KMM372V883BK Datasheet
420Kb / 18P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
KMM372F883BS SAMSUNG-KMM372F883BS Datasheet
469Kb / 20P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com