Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMM372V1680BK Datasheet(PDF) 18 Page - Samsung semiconductor

Part No. KMM372V1680BK
Description  16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KMM372V1680BK Datasheet(HTML) 18 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
DRAM MODULE
KMM372V160(8)0BK/BS
Tolerances :
±.005(.13) unless otherwise specified
The used device is 16Mx4 DRAM with Fast Page mode, SOJ or TSOPII.
DRAM Part No. : KMM372V1600BK/BS - KM44V16100BK, KM44V16100BS.
KMM372V1680BK/BS - KM44V16000BK, KM44V16000BS.
PACKAGE DIMENSIONS
Units : Inches (millimeters)
0.050
0.039
±.002
0.01Max
(0.25 Max)
(1.000
±.050)
(1.270)
Detail C
0.250
(6.350)
Detail A
0.1230
±.0050
(3.125
±.125)
Detail B
0.079
±.0040
(2.000
±.100)
0.250
(6.350)
0.1230
±.0050
(3.125
±.125)
0.079
±.0040
(2.000
±.100)
PACKAGE DIMENSIONS
5.250
5.014
Units : Inches (millimeters)
R 0.079
(R 2.000)
0.250
(6.350)
1.450
(36.830)
2.150
(54.61)
0.350
.118DIA
±004
(3.000DIA
±100)
(8.890)
A
B
C
0.250
(6.350)
.450
(11.430)
4.550
(115.57)
0.157
±0.004
(4.000
±0.100)
0.054
(1.372)
(127.350)
(133.350)
0.118
(3.000)
( Back view )
( Front view )
0.150Max
(3.81Max)
0.050
±0.0039
(1.270
±0.10)
TSOPII
0.350Max
(8.89Max)
SOJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn