Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS220-25D Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CS220-25D
Description  SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CS220-25D Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CS220-25D Datasheet HTML 1Page - Central Semiconductor Corp CS220-25D Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CS220-25B
CS220-25D
CS220-25M
CS220-25N
SILICON CONTROLLED RECTIFIERS
25 AMP, 200 THRU 800 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CS220-25B series
types are epoxy molded SCRs designed for sensing
circuit and control system applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
CS220
SYMBOL
-25B
-25D
-25M
-25N
UNITS
Peak Repetitive Off-State Voltage
VDRM, VRRM
200
400
600
800
V
RMS On-State Current (TC=90°C)
IT(RMS)
25
A
Peak One Cycle Surge Current, t=10ms
ITSM
250
A
I2t Value for Fusing, t=10ms
I2t
310
A2s
Peak Gate Power Dissipation, tp=10μs
PGM
40
W
Average Gate Power Dissipation
PG(AV)
1.0
W
Peak Forward Gate Current, tp=10μs
IFGM
4.0
A
Peak Forward Gate Voltage, tp=10μs
VFGM
16
V
Peak Reverse Gate Voltage, tp=10μs
VRGM
5.0
V
Critical Rate of Rise of On-State Current
di/dt
100
A/μs
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Thermal Resistance
ΘJA
60
°C/W
Thermal Resistance
ΘJC
1.3
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM, IRRM Rated VDRM, VRRM
10
μA
IDRM, IRRM Rated VDRM, VRRM, TC=125°C
4.0
mA
IGT
VD=12V, RL=10Ω
4.2
30
mA
IH
IT=100mA
12.5
50
mA
VGT
VD=12V, RL=10Ω
0.65
1.5
V
VTM
ITM=50A, tp=380μs
1.8
V
dv/dt
VD=⅔Rated VDRM, TC=125°C
200
V/μs
TO-220 CASE
R2 (24-October 2013)
www.centr a lsemi.com


Similar Part No. - CS220-25D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS220-25D CENTRAL-CS220-25D Datasheet
368Kb / 2P
   SILICON CONTROLLED RECTIFIERS
More results

Similar Description - CS220-25D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS220-16B CENTRAL-CS220-16B Datasheet
68Kb / 2P
   SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
CS39-4B CENTRAL-CS39-4B Datasheet
82Kb / 2P
   SILICON CONTROLLED RECTIFIER 4.0 AMP, 200 THRU 800 VOLTS
CS220-10B CENTRAL-CS220-10B Datasheet
111Kb / 2P
   SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS
CS220-8B CENTRAL-CS220-8B Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS
CS92B CENTRAL-CS92B Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMP, 200 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M Datasheet
71Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
CS3-16B CENTRAL-CS3-16B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
CQ48-25B CENTRAL-CQ48-25B Datasheet
113Kb / 2P
   25 AMP TRIAC 200 THRU 800 VOLTS
CSDD-25M CENTRAL-CSDD-25M_10 Datasheet
404Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com