Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMM372C1680BS Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. KMM372C1680BS
Description  16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KMM372C1680BS Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DRAM MODULE
KMM372C213CK/CS
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are
reference levels for measuring timing of input signals. Transi-
tion times are measured between VIH(min) and VIL(max) and
are assumed to be 5ns for all inputs.
Measured with a load equivalent to 2 TTL loads and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves
the open circuit condition and is not referenced to VOH or
VOL.
tWCS is not restrictive operating parameter. It included in the
data sheet as electrical characteristic only. If
tWCS
tWCS(min)
the cycle is an early write cycle and the data out pin will
remain high impedance for the duration of the cycle.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to the CAS leading edge in
early write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit, then
access time is controlled by
tAA.
The timing skew from the DRAM to the DIMM resulted from
the addition of buffers.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn