Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM372C1680BS Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KMM372C1680BS
Description  16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372C1680BS Datasheet(HTML) 5 Page - Samsung semiconductor

  KMM372C1680BS Datasheet HTML 1Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 2Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 3Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 4Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 5Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 6Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 7Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 8Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DRAM MODULE
KMM372C213CK/CS
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V, Output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
RAS to W delay time
tRWD
71
83
ns
7,11
CAS setup time(CAS-before-RAS refresh)
tCSR
10
10
ns
11
CAS hold time(CAS-before-RAS refresh)
tCHR
8
8
ns
11
RAS precharge to CAS hold time
tRPC
3
3
ns
11
Access time from CAS precharge
tCPA
35
40
ns
3,11
Fast page mode cycle time
tPC
35
40
ns
Fast page mode read-modify-write cycle time
tPRWC
75
80
ns
CAS precharge time(Fast page cycle)
tCP
10
10
ns
RAS pulse width (Fast page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
35
40
ns
11
W to RAS precharge time (C-B-R refresh)
tWRP
15
15
ns
11
W to RAS hold time (C-B-R refresh)
tWRH
8
8
ns
11
OE access time
tOEA
18
20
ns
11
OE to data delay
tOED
18
20
ns
11
Output buffer turn off delay time from OE
tOEZ
5
18
5
20
ns
11
OE command hold time
tOEH
13
15
ns
PDE to Valid PD bit
tPD
10
10
ns
PDE to PD bit Inactive
tPDOFF
2
7
2
7
ns
Present Detect Read Cycle
AC CHARACTERISTICS (0
°C≤TA≤70°C, VCC=5.0V±10%. See notes 1,2.)


Similar Part No. - KMM372C1680BS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM372C213CS SAMSUNG-KMM372C213CS Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM372C400CK SAMSUNG-KMM372C400CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372C400CS SAMSUNG-KMM372C400CS Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
More results

Similar Description - KMM372C1680BS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M374F3200DJ1-C SAMSUNG-M374F3200DJ1-C Datasheet
510Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372C883CS SAMSUNG-KMM372C883CS Datasheet
425Kb / 20P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 5V
KMM372C804BS SAMSUNG-KMM372C804BS Datasheet
446Kb / 19P
   8M x 72 DRAM DIMM with ECC using 4M16, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com