Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206Z104XXX Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 1206Z104XXX
Description  CERAMIC MULTILAYER CAPACITORS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1206Z104XXX Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 1206Z104XXX Datasheet HTML 20Page - List of Unclassifed Manufacturers 1206Z104XXX Datasheet HTML 21Page - List of Unclassifed Manufacturers 1206Z104XXX Datasheet HTML 22Page - List of Unclassifed Manufacturers 1206Z104XXX Datasheet HTML 23Page - List of Unclassifed Manufacturers 1206Z104XXX Datasheet HTML 24Page - List of Unclassifed Manufacturers 1206Z104XXX Datasheet HTML 25Page - List of Unclassifed Manufacturers 1206Z104XXX Datasheet HTML 26Page - List of Unclassifed Manufacturers 1206Z104XXX Datasheet HTML 27Page - List of Unclassifed Manufacturers 1206Z104XXX Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
NOVACAP manufactures chip capacitors designed to
operate to 200°C in both COG and X7R dielectrics, for use in
harsh environments, such as oil exploration and engine
compartment circuitry. Product is available as surface mount
chips in sizes 0805 to 7565, or as leaded encapsulated
devices in sizes 1515 to 7565, rated to 500 volts (see additional data sheet). Consult
NOVACAP for your specific requirements.
HIGH TEMPERATURE SMT
22
3 digit code: two significant digits, followed by number of zeros eg: 183 = 18,000 pF
CAPACITANCE SELECTION
LENGTH L
WIDTH W
T MAX.
MB
25V
50V
100V
250V
500V
25V
50V
100V
250V
500V
LENGTH L
WIDTH W
MB
.008 (.203)
.008 (.203)
.010 (.254)
.080 (2.03)
.125 (3.18)
.125 (3.18)
.180 (4.57)
.180 (4.57)
.220 (5.59)
.450 (11.4)
.750 (19.0)
.050 (1.27)
.060 (1.52)
.100 (2.54)
.125 (3.18)
.250 (6.35)
.250 (6.35)
.400 (10.2)
.650 (16.5)
.054 (1.37)
.064 (1.63)
.065 (1.65)
.065 (1.65)
.080 (2.03)
.080 (2.03)
.300 (7.62)
.400 (10.2)
.020 (.508)
.020 (.508)
.020 (.508)
.024 (.610)
.024 (.610)
.030 (.760)
.060 (1.52)
.060 (1.52)
SIZE
0805
1206
1210
1812
1825
2225
4540
7565
Min Cap
0R5
1R0
5R0
220
560
680
221
102
222
682
123
223
473
563
224
474
152
562
123
183
393
473
154
474
821
272
472
822
223
273
124
474
561
182
392
562
183
223
124
274
331
821
182
272
822
103
563
184
DIMENSIONAL TOLERANCES
+/- INCHES (MM)
Min Cap
121
221
331
331
471
471
102
103
563
184
334
684
125
155
565
186
473
124
274
474
684
684
395
126
333
823
184
394
394
394
275
106
153
393
823
154
184
224
225
685
332
822
183
393
563
563
824
335
.008 (.203)
.008 (.203)
.010 (.254)
.008 (.203)
.008 (.203)
.010 (.254)
.012 (.305)
.008 (.203)
.014 (.355)
.012 (.305)
.015 (.380)
.014 (.355)
.015 (.380)
.015 (.380)
.015 (.380)
.015 (.380)
.015 (.380)
.015 (.380)
.015 (.380)
.015 (.380)
.015 (.380)
200
˚C - X7R DIELECTRIC
200
˚C - COG DIELECTRIC


Similar Part No. - 1206Z104XXX

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
1206ZA104B4T2A KSS-1206ZA104B4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104C4T2A KSS-1206ZA104C4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104D4T2A KSS-1206ZA104D4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104F4T2A KSS-1206ZA104F4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
1206ZA104G4T2A KSS-1206ZA104G4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 1206Z104XXX

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com