Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAF2008 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HAF2008
Description  SILICON N CHANNEL MOSFET SERIES POWER SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAF2008 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HAF2008 Datasheet HTML 1Page - Hitachi Semiconductor HAF2008 Datasheet HTML 2Page - Hitachi Semiconductor HAF2008 Datasheet HTML 3Page - Hitachi Semiconductor HAF2008 Datasheet HTML 4Page - Hitachi Semiconductor HAF2008 Datasheet HTML 5Page - Hitachi Semiconductor HAF2008 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HAF2008
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
60
V
Gate to source voltage
V
GSS
(16)
V
Gate to source voltage
V
GSS
(–2.5)
V
Drain current
I
D
20
A
Drain peak current
I
D(pulse)
Note1
40
A
Body-drain diode reverse drain current
I
DR
20
A
Channel dissipation
Pch
Note2
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at Ta = 25
°C
Typical Operation Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
3.5
V
V
IL
1.2
V
Input current
I
IH1
100
µA
Vi = 8V, V
DS = 0
(Gate non shut down)
I
IH2
——
50
µA
Vi = 3.5V, V
DS = 0
I
IL
——
1
µA
Vi = 1.2V, V
DS = 0
Input current
I
IH(sd)1
0.8
mA
Vi = 8V, V
DS = 0
(Gate non shut down)
I
IH(sd)2
0.35
mA
Vi = 3.5V, V
DS = 0
Shut down temperature
T
sd
175
°C
Channel temperature
Gate operation voltage
V
op
3.5
12
V


Similar Part No. - HAF2008

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2001 HITACHI-HAF2001 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
HAF2001 RENESAS-HAF2001 Datasheet
92Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2001-90 RENESAS-HAF2001-90 Datasheet
92Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
logo
Hitachi Semiconductor
HAF2002 HITACHI-HAF2002 Datasheet
38Kb / 7P
   Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
HAF2002 RENESAS-HAF2002 Datasheet
94Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
More results

Similar Description - HAF2008

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF2021 RENESAS-HAF2021 Datasheet
92Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2007 RENESAS-HAF2007 Datasheet
95Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2014 RENESAS-HAF2014 Datasheet
87Kb / 8P
   Silicon N Channel MOSFET Series Power Switching
HAF2002 RENESAS-HAF2002 Datasheet
94Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2015RJ RENESAS-HAF2015RJ Datasheet
142Kb / 10P
   Silicon N Channel MOSFET Series Power Switching
HAF2001 RENESAS-HAF2001 Datasheet
92Kb / 9P
   Silicon N Channel MOSFET Series Power Switching
HAF2005 RENESAS-HAF2005 Datasheet
88Kb / 8P
   Silicon N Channel MOSFET Series Power Switching
HAT2203C RENESAS-HAT2203C Datasheet
97Kb / 7P
   Silicon N Channel MOSFET power switching
HAT2170H RENESAS-HAT2170H Datasheet
91Kb / 8P
   Silicon N Channel MOSFET Power Switching
HAF2017 RENESAS-HAF2017 Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com