Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA45-3RU Datasheet(PDF) 4 Page - Schurter Inc.

Part # TA45-3RU
Description  Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-3RU Datasheet(HTML) 4 Page - Schurter Inc.

  TA45-3RU Datasheet HTML 1Page - Schurter Inc. TA45-3RU Datasheet HTML 2Page - Schurter Inc. TA45-3RU Datasheet HTML 3Page - Schurter Inc. TA45-3RU Datasheet HTML 4Page - Schurter Inc. TA45-3RU Datasheet HTML 5Page - Schurter Inc. TA45-3RU Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Thermal (T- and TA-Line)
TA45-3RU
https://www.schurter.com /PG17_18_19
Circuit Breakers
Time-Current-Curves
3 pole switch
2 pole protected
10'000
60
2`000
1`000
500
200
100
50
20
10
5
2
[ sec ]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
1
0,5
0,3
0,2
0,1
Type
TA45
Rated current
In <3 A
Ambient temp.
+23ºC
Multiple of Rated Current In
Reference Temperature +23°
10'000
60
2`000
1`000
500
200
100
50
20
10
5
2
[ sec ]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
1
0,5
0,3
0,2
0,1
3 pole switch
2 pole protected
Type
TA45
Rated current
Ambient temp.
+23ºC
3 A > In <12 A
Multiple of Rated Current In
Reference Temperature +23°
Effect of ambient temperature
The units are calibrated for an ambient temperature of +23°C. To determine the rated cur-
rent for a lower or higher ambient temperature, use a correction factor (typical value) from
the table below:
Ambient Temperature [°C]
Correction factor
-10
0.89
-5
0.91
0
0.92
+23
1.00
+30
1.03
+40
1.08
+55
1.16
Example: Rated current = 5 A, Environmental temperature = 40 °C, --> Correction factor =
1.08, Resulting current = 5.5 A --> Fount to next higher rated current: 6 A
Undervoltage release
Max. operating voltage
1.1 Ue
Rated operating voltage Ue
5 V
12 V
24 V
48 V
120 V
240 V
400 V 1)
Current consumption (± 10%)
10.5 mA
16.5 mA
17.0 mA
3.2 mA
3.7 mA
3.1 mA
2.65 mA
Highest reset level
0.85 Ue
Lowest trip level
0.20 Ue
Trip delay
20 ms - 50 ms
Impulse withstand voltage (1.2 / 50 µs)
≥4 kV
1) only for 3pole
Remote trip
Permissible impuls duration of the make contact (no)
Between terminal C and P1
unlimited
Electrical load of the make contact (no)
Current max. 12 mA / power max. 1.1 W


Similar Part No. - TA45-3RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-3RA SCHURTER-TA45-3RA Datasheet
476Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
More results

Similar Description - TA45-3RU

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3R SCHURTER-TA45-3R Datasheet
474Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3PU SCHURTER-TA45-3PU Datasheet
526Kb / 7P
   Circuit Breaker for Equipment thermal, 3 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com