Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA45-2RA Datasheet(PDF) 7 Page - Schurter Inc.

Part # TA45-2RA
Description  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-2RA Datasheet(HTML) 7 Page - Schurter Inc.

  TA45-2RA Datasheet HTML 1Page - Schurter Inc. TA45-2RA Datasheet HTML 2Page - Schurter Inc. TA45-2RA Datasheet HTML 3Page - Schurter Inc. TA45-2RA Datasheet HTML 4Page - Schurter Inc. TA45-2RA Datasheet HTML 5Page - Schurter Inc. TA45-2RA Datasheet HTML 6Page - Schurter Inc. TA45-2RA Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Thermal (T- and TA-Line)
TA45-2RA
https://www.schurter.com /PG17_18_19
Circuit Breakers
Rated current
Configuration
key
7.5 A
075
8.0 A
080
9.0 A
090
10.0 A
100
11.0 A
110
12.0 A
120
13.0 A
130
14.0 A
140
15.0 A
150
16.0 A
160
17.0 A
170
18.0 A
180
19.0 A
190
20.0 A
200
Other rated currents on request
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Release / lock-out latch
Release / lock-out latch
Configuration
key
whithout release / lock-out latch
C0
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Accessories
Factory mounted accessories
Configuration
key
Without cover
For subsequent fitting accessories see:
https://www.schurter.com/pdf/english/typ_TA45-ACC.pdf
Variants
Thermal
overload pro-
tection
Addition
connection
type
Illumination
Actuator colour
Legend
Rated current
Accessories
Config. Code
Order Number
2-pole
Auxiliary
contact
Quick connect
terminal
illumination
220 V...240 V
Clear transparent embossed
12.0 A
Without cover
TA45-AN21F120C0
4430.3223
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging Unit
1 Pcs
Accessories
Description
TA45-ACC
Accessories to TA45
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - TA45-2RA

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
More results

Similar Description - TA45-2RA

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-3RA SCHURTER-TA45-3RA Datasheet
476Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-2PA SCHURTER-TA45-2PA Datasheet
562Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with auxiliary contact
TA45-2RU SCHURTER-TA45-2RU Datasheet
707Kb / 10P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com