Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1100C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM1100C
Description  CMOS COMPATIBLE WITH TRI-STATE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SM1100C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM1100C Datasheet HTML 1Page - List of Unclassifed Manufacturers SM1100C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O7B
Pletronics Inc., 19013 36
th Ave. W., Suite H, Lynnwood, WA 98036-5761 USA
SM1100C SERIES
Input Current (Icc), Rise and Fall time with 15pF Load & Jitter
Icc (mA)
Tr & Tf (nS)
Period Jitter RMS Values
(pS: 1 x 10
-12 Sec)
Frequency Range
(MHz)
Typical
Maximum
Typical
Maximum
Typical
Maximum
1.000 – 7.999
5.0
10.0
5.5
6.5
30.0
50.0
8.000 – 23.999
8.0
15.0
5.5
6.5
30.0
50.0
24.000 – 29.999
10.0
15.0
4.5
5.5
20.0
30.0
30.000 – 50.000
25.0
30.0
2.5
3.5
15.0
25.0
Waveform
Recommended Test Circuit with CMOS Load
* CL (Capacitive Load): Includes the input capacitance of oscilloscope.
** 0.01
µF external by-pass filter is recommended.
Package Outline (NOT TO SCALE):
January 2000
PIN CONNECTIONS
PIN
CONNECTION
1
2
3
4
ENABLE/DISABLE INPUT
GROUND
OUTPUT
Vcc
INCHES (MILLIMETERS)


Similar Part No. - SM1100C

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM1100A UNIOHM-SM1100A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM1100A SECOS-SM1100A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM1100A TAYCHIPST-SM1100A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM1100A LRC-SM1100A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
logo
Goodwork Semiconductor ...
SM1100A GWSEMI-SM1100A Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM1100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM7700H ETC1-SM7700H Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Connor-Winfield Corpora...
S13R8R CONNOR-WINFIELD-S13R8R Datasheet
66Kb / 1P
   TTL COMPATIBLE TRI-STATE OUTPUT
HC17R5R CONNOR-WINFIELD-HC17R5R Datasheet
62Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC145R CONNOR-WINFIELD-HC145R Datasheet
59Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC54R8R CONNOR-WINFIELD-HC54R8R Datasheet
83Kb / 2P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC524R CONNOR-WINFIELD-HC524R Datasheet
61Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC13R8R CONNOR-WINFIELD-HC13R8R Datasheet
84Kb / 2P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC62R8R CONNOR-WINFIELD-HC62R8R Datasheet
64Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
JHC13R8R CONNOR-WINFIELD-JHC13R8R Datasheet
69Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
JHC15R8RC CONNOR-WINFIELD-JHC15R8RC Datasheet
65Kb / 1P
   HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com