Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR-33S2C-N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CCR-33S2C-N
Description  Miniature DC-18GHz SPDT Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CCR-33S2C-N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CCR-33S2C-N Datasheet HTML 1Page - List of Unclassifed Manufacturers CCR-33S2C-N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: 800- 284-7007
www.rfswitches.com
email: switches@teledyne.com
01/2004
Specifications subject to change without notice.
9
Analog
TTL
Indicators
Series
Connectors
Actuator Voltage
Part Numbering System for CCR-33 (Failsafe)
CCR-33 S 1 O - N
Options
Actuator Type
Connector
S: SMA Female #
Actuator Voltage
1: 28Vdc Failsafe #
2: 15Vdc Failsafe #
3: 12Vdc Failsafe #
Actuator Type
O: No Indicator Contacts #
C: Indicator Contacts #
Options
T: TTL Drivers with Diodes
N: Narrow Body #
R: Positive + Common
Optional Narrow Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
Standard Width Body
H = 1.30 MAX. STD MODEL
H = 1.80 MAX. TTL MODEL
For other options contact Factory
#: Stock item subject to prior sale
Commercial
CCR-33
Miniature DC-18GHz SPDT Switch
Failsafe


Similar Part No. - CCR-33S2C-N

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33S2C TELEDYNE-CCR-33S2C Datasheet
595Kb / 8P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CCR-33S2C-N

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2306 TRIQUINT-TGS2306_15 Datasheet
361Kb / 8P
   High Power DC - 18GHz SPDT FET Switch
TGS2306-EPU TRIQUINT-TGS2306-EPU Datasheet
305Kb / 8P
   High Power DC - 18GHz SPDT FET Switch
logo
California Eastern Labs
UPG2159T5K CEL-UPG2159T5K Datasheet
253Kb / 11P
   L,S-BAND MINIATURE SPDT SWITCH
logo
Pasternack Enterprises,...
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
   SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
Nais(Matsushita Electri...
ARD1004H NAIS-ARD1004H Datasheet
541Kb / 8P
   26.5GHz, 18GHz COAXIAL SWITCH
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
   DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_15 Datasheet
138Kb / 8P
   DC-20GHz Reflective SPDT Switch
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
   DC??0 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com