Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C9689 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C9689
Description  TAXI Compatible HOTLink Transceiver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C9689 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C9689 Datasheet HTML 1Page - Cypress Semiconductor CY7C9689 Datasheet HTML 2Page - Cypress Semiconductor CY7C9689 Datasheet HTML 3Page - Cypress Semiconductor CY7C9689 Datasheet HTML 4Page - Cypress Semiconductor CY7C9689 Datasheet HTML 5Page - Cypress Semiconductor CY7C9689 Datasheet HTML 6Page - Cypress Semiconductor CY7C9689 Datasheet HTML 7Page - Cypress Semiconductor CY7C9689 Datasheet HTML 8Page - Cypress Semiconductor CY7C9689 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
CY7C9689
4
(
Pin Descriptions
Pin
Name
I/O Characteristics
Signal Description
Transmit Path Signals
68
TXCLK
TTL clock input
Internal Pull-Up
Transmit FIFO Clock.
Used to sample all Transmit FIFO and related interface signals.
44, 42,
40, 36,
34, 32,
30, 22
TXDATA[7:0]
TTL input, sampled on
TXCLK¦ or REFCLK¦
Internal Pull-Up
Parallel Transmit DATA Input.
When selected (CE=LOW and TXEN = asserted), information on these inputs
is processed as DATA when TXSC/D is LOW and ignored otherwise. When the
encoder is bypassed (ENCBYP is LOW), TXDATA[7:0] functions as the least
significant eight bits of the 10- or 12-bit pre-encoded transmit character.
When the Transmit FIFO is enabled (FIFOBYP is HIGH), these inputs are sam-
pled on the rising edge of TXCLK. When the Transmit FIFO is bypassed
(FIFOBYP is LOW) these inputs are captured on the rising edge of REFCLK.
54, 46 TXDATA[9:8]/
TXCMD[2:3]
TTL input, sampled on
TXCLK¦ or REFCLK¦
Internal Pull-Up
Parallel Transmit DATA or COMMAND Input.
When selected, BYTE8/10 is HIGH, and the encoder is enabled (ENCBYP is
HIGH), information on these inputs are processed as TXCMD[2:3] if TXSC/D is
HIGH and ignored otherwise.
When selected, BYTE8/10 is LOW, and the encoder is enabled (ENCBYP is
HIGH), information on these inputs are processed as TXDATA[9:8] if TXSC/D
is LOW and ignored otherwise.
When the encoder is bypassed (ENCBYP is LOW), TXDATA[9:8] functions as
the 9th and 10th bits of the 10- or 12-bit pre-encoded transmit character.
When the Transmit FIFO is enabled (FIFOBYP is HIGH), these inputs are sam-
pled on the rising edge of TXCLK. When the Transmit FIFO is bypassed
(FIFOBYP is LOW), these inputs are captured on the rising edge of REFCLK.
58, 56 TXCMD[1:0]
TTL input, sampled on
TXCLK¦ or REFCLK¦
Internal Pull-Up
Parallel Transmit COMMAND Input.
When selected and the encoder is enabled (ENCBYP is HIGH), information on
these inputs is processed as a COMMAND when TXSC/D is HIGH and ignored
otherwise.
When BYTE8/10 is HIGH and the encoder is bypassed (ENCBYP is LOW), the
TXCMD[1:0] inputs are ignored.
When BYTE8/10 is LOW and when the encoder is bypassed (ENCBYP is LOW),
the TXCMD[1:0] inputs function as the 11th and 12th (MSB) bits of the 12-bit
pre-encoded transmit character.
When the Transmit FIFO is enabled (FIFOBYP is HIGH), these inputs are sam-
pled on the rising edge of TXCLK. When the Transmit FIFO is bypassed
(FIFOBYP is LOW), these inputs are sampled on the rising edge of REFCLK.
20
TXSC/D
TTL input, sampled on
TXCLK¦ or REFCLK¦
Internal Pull-Up
COMMAND or DATA input selector.
When selected, BYTE8/10 is HIGH, and the encoder is enabled (ENCBYP is
HIGH), this input selects if the DATA or COMMAND inputs are processed. If
TXSC/D is HIGH, the value on TXCMD[3:0] is captured as one of sixteen pos-
sible COMMANDs, and the data on the TXDATA[7:0] bits are ignored. If TXSC/D
is LOW, the information on TXDATA[7:0] is captured as one of 256 possible 8-
bit DATA values, and the information on the TXCMD[3:0] bus is ignored.
When BYTE8/10 is LOW and the encoder is enabled (ENCBYP is HIGH) this
input selects if the DATA or COMMAND inputs are processed. If TXSC/D is
HIGH, the information on TXCMD[1:0] is captured as one of four possible COM-
MANDs, and the information on the TXDATA[9:0] bits are ignored. If TXSC/D is
LOW, the information on TXDATA[9:0] is captured as one of 1024 possible 10-
bit DATA values, and the information on the TXCMD[1:0] bus is ignored.
When the encoder is bypassed (ENCBYP is LOW) TXSC/D is ignored


Similar Part No. - CY7C9689

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C9689A CYPRESS-CY7C9689A Datasheet
567Kb / 46P
   TAXI-compatible HOTLink Transceiver
CY7C9689A CYPRESS-CY7C9689A Datasheet
925Kb / 51P
   TAXI??compatible HOTLink짰 Transceiver
CY7C9689A-AC CYPRESS-CY7C9689A-AC Datasheet
567Kb / 46P
   TAXI-compatible HOTLink Transceiver
CY7C9689A-AC CYPRESS-CY7C9689A-AC Datasheet
925Kb / 51P
   TAXI??compatible HOTLink짰 Transceiver
CY7C9689A-AI CYPRESS-CY7C9689A-AI Datasheet
567Kb / 46P
   TAXI-compatible HOTLink Transceiver
More results

Similar Description - CY7C9689

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C9689A CYPRESS-CY7C9689A_11 Datasheet
618Kb / 54P
   TAXI??compatible HOTLink Transceiver
CY7C9689A CYPRESS-CY7C9689A Datasheet
567Kb / 46P
   TAXI-compatible HOTLink Transceiver
CY7C9689A CYPRESS-CY7C9689A_06 Datasheet
925Kb / 51P
   TAXI??compatible HOTLink짰 Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CY7C924ADX CYPRESS-CY7C924ADX Datasheet
588Kb / 56P
   200-MBaud HOTLink Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
CYP15G0201DXB CYPRESS-CYP15G0201DXB Datasheet
577Kb / 46P
   Dual-channel HOTLink II Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com