Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD9814 Datasheet(PDF) 50 Page - Exar Corporation

Part # XRD9814
Description  3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9814 Datasheet(HTML) 50 Page - Exar Corporation

Back Button XRD9814 Datasheet HTML 45Page - Exar Corporation XRD9814 Datasheet HTML 46Page - Exar Corporation XRD9814 Datasheet HTML 47Page - Exar Corporation XRD9814 Datasheet HTML 48Page - Exar Corporation XRD9814 Datasheet HTML 49Page - Exar Corporation XRD9814 Datasheet HTML 50Page - Exar Corporation XRD9814 Datasheet HTML 51Page - Exar Corporation XRD9814 Datasheet HTML 52Page - Exar Corporation XRD9814 Datasheet HTML 53Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
XRD9814/9816
50
Rev. 1.00
XRD9816 1CH DC CIS Input Referred Noise vs. Gain of 1.63 to 5 V/V
ADCCLK = 1MSPS, ADC Input Range = 3Vpp, AVDD = 5V, DVDD = 3V
0
2
4
6
8
10
12
1.63
2.75
3.88
5
Gain
Graph 10. XRD9816 1-Channel CIS SS/H No Clamp Input Referred Noise vs. Gain (1 MSPS)


Similar Part No. - XRD9814

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9814B EXAR-XRD9814B Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9814BCV EXAR-XRD9814BCV Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
More results

Similar Description - XRD9814

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD9814B EXAR-XRD9814B Datasheet
777Kb / 53P
   3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
   3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
   3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
   14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
   16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Holtek Semiconductor In...
HT82V46 HOLTEK-HT82V46 Datasheet
1Mb / 27P
   16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
HT82V24 HOLTEK-HT82V24 Datasheet
241Kb / 21P
   16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com