Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC5262-IR Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC5262-IR
Description  REMOTE CONTROL ENCODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5262-IR Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC5262-IR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5262-IR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5262-IR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5262-IR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5262-IR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5262-IR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5262-IR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5262-IR Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC5262-IR Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Silan
Semiconductors
SC5262
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
8
4.7M
4.7k
5pF
25pF
10
µH
LED
MPSH10
+12V
SW
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
SC5262
UHF Band Address-only(o data) Zero-stand-by Transmitter Circuit is recommended.
2.7k ×4
2.7k
1N4148×4
430k
~ 470k
SW0
SW1
SW2
SW3
+4.5V
2.7k
1N4148
1N4148
SW4
SW5
4.7
IR
2SC1815×2
Rosc
SC5262-IR
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
10
9
Infrared Ray 6-data circuit. Adjust Rosc to get 38kHz carrier pulse at Dout pin is recommended.


Similar Part No. - SC5262-IR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SC5262 TOSHIBA-SC5262 Datasheet
99Kb / 2P
   NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
More results

Similar Description - SC5262-IR

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com