Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU323AP Datasheet(PDF) 1 Page - ON Semiconductor

Part # BU323AP
Description  DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323AP Datasheet(HTML) 1 Page - ON Semiconductor

  BU323AP Datasheet HTML 1Page - ON Semiconductor BU323AP Datasheet HTML 2Page - ON Semiconductor BU323AP Datasheet HTML 3Page - ON Semiconductor BU323AP Datasheet HTML 4Page - ON Semiconductor BU323AP Datasheet HTML 5Page - ON Semiconductor BU323AP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3–1
Motorola Bipolar Power Transistor Device Data
NPN Silicon Darlington Power
Transistor
The BU323AP is a monolithic darlington transistor designed for automotive ignition,
switching regulator and motor control applications.
• Collector–Emitter Sustaining Voltage —
VCER(sus) = 475 Vdc
• 125 Watts Capability at 50 Volts
• VCE Sat Specified at –40_C = 2.0 V Max. at IC = 6.0 A
• Photoglass Passivation for Reliability and Stability
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO(sus)
400
Vdc
Collector–Emitter Voltage
VCEV
475
Vdc
Emitter–Base Voltage
VEB
6.0
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
10
16
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
3.0
Adc
Total Power Dissipation — TC = 25_C
— TC = 100_C
Derate above 25
_C
PD
125
100
1.0
Watts
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.0
_C/W
Maximum Lead Temperature for Soldering Purposes:
1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
x 10%.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BU323AP/D
© Motorola, Inc. 1996
BU323AP
DARLINGTON
NPN SILICON
POWER TRANSISTOR
400 VOLTS
125 WATTS
CASE 340D–02
TO–218 TYPE
COLLECTOR
EMITTER
BASE
≈ 1 k
≈ 30
REV 8


Similar Part No. - BU323AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323AP MOTOROLA-BU323AP Datasheet
218Kb / 6P
   DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
logo
Inchange Semiconductor ...
BU323AP ISC-BU323AP Datasheet
97Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU323AP NJSEMI-BU323AP Datasheet
142Kb / 2P
   Silicon Darlington NPN Power Transistor
More results

Similar Description - BU323AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU323AP MOTOROLA-BU323AP Datasheet
218Kb / 6P
   DARLINGTON NPN SILICON POWER TRANSISTOR 400 VOLTS 125 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJE13005 MOTOROLA-MJE13005 Datasheet
311Kb / 8P
   4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
logo
ON Semiconductor
MJE13005 ONSEMI-MJE13005_06 Datasheet
105Kb / 7P
   4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??75 WATTS
February, 2006 ??Rev. 7
MJE13009 ONSEMI-MJE13009_06 Datasheet
148Kb / 10P
   12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com