Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58600U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58600U
Description  ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58600U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58600U Datasheet HTML 2Page - Micrel Semiconductor SY58600U Datasheet HTML 3Page - Micrel Semiconductor SY58600U Datasheet HTML 4Page - Micrel Semiconductor SY58600U Datasheet HTML 5Page - Micrel Semiconductor SY58600U Datasheet HTML 6Page - Micrel Semiconductor SY58600U Datasheet HTML 7Page - Micrel Semiconductor SY58600U Datasheet HTML 8Page - Micrel Semiconductor SY58600U Datasheet HTML 9Page - Micrel Semiconductor SY58600U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY58600U
Micrel, Inc.
M9999-052505
hbwhelp@micrel.com or (408) 955-1690
OUTPUT INTERFACE APPLICATIONS
Part Number
Function
Data Sheet Link
SY58601U
2.5V/3.3V 5Gbps Differential 800mV LVPECL
www.micrel.com/product-info/products/sy58601u.shtml
Line Driver/Receiver with Internal Termination
SY58602U
2.5V/3.3V 10.7Gbps Differential 400mV LVPECL
www.micrel.com/product-info/products/sy58602u.shtml
Line Driver/Receiver with Internal Termination
MLF™ Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION
50
50
VCC
GND
100
/Q
Q
Z0 = 50Ω
Z0 = 50Ω
Figure 4a. CML DC-Coupled Termination
50
50
VCC
GND
50
/Q
Q
Z0 = 50Ω
Z0 = 50Ω
50
VCC
Figure 4b. CML DC-Coupled Termination
50
50
VCC
GND
50
/Q
Q
Z0 = 50Ω
Z0 = 50Ω
50
VCC –1.2V
Figure 4c. CML AC-Coupled Termination


Similar Part No. - SY58600U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58600UMGTR MICREL-SY58600UMGTR Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600UMITR MICREL-SY58600UMITR Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SY58600U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58600U MICREL-SY58600U_07 Datasheet
134Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58016L MICREL-SY58016L_11 Datasheet
387Kb / 5P
   3.3V, 10Gbps Differential CML Line Driver/Receiver with Internal Termination
SY58016L MICREL-SY58016L Datasheet
135Kb / 5P
   3.3V 10Gbps DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58602U MICREL-SY58602U_07 Datasheet
1Mb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com