Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SY58600U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. SY58600U
Description  ULTRA-PRECISION DIFFERENTIAL CML LINE DRIVER/RECEIVER WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY58600U Datasheet(HTML) 6 Page - Micrel Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Precision Edge®
SY58600U
Micrel, Inc.
M9999-052505
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
VCC = 3.3V, GND = 0, VIN = 800mV.
200MHz Clock
TIME (500ps/div.)
OC-12 Mask 223–1 PRBS
TIME (300ps/div.)
1xGBE Mask 223–1
TIME (200ps/div.)
2xFC Mask 223–1 PRBS
TIME (100ps/div.)
2xGBE Mask 223–1 PRBS
TIME (100ps/div.)
OC-192 Mask 223–1 PRBS
TIME (20ps/div.)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn