Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL321 Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL321
Description  Small and Thin 18 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL321 Datasheet HTML 6Page - Analog Devices ADXL321 Datasheet HTML 7Page - Analog Devices ADXL321 Datasheet HTML 8Page - Analog Devices ADXL321 Datasheet HTML 9Page - Analog Devices ADXL321 Datasheet HTML 10Page - Analog Devices ADXL321 Datasheet HTML 11Page - Analog Devices ADXL321 Datasheet HTML 12Page - Analog Devices ADXL321 Datasheet HTML 13Page - Analog Devices ADXL321 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADXL321
Rev. 0 | Page 10 of 16
XOUT = 1.500V
YOUT = 1.500V
XOUT = 1.500V
YOUT = 1.443V
XOUT = 1.443V
YOUT = 1.500V
XOUT = 1.557V
YOUT = 1.50V
XOUT = 1.500V
YOUT = 1.557V
EARTH'S SURFACE
XL
321J
#1234
5678P
Figure 20. Output Response vs. Orientation (Top View)


Similar Part No. - ADXL321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Similar Description - ADXL321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
   Small and Thin 2 g Accelerometer
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com