Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL321 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL321
Description  Small and Thin 18 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321 Datasheet(HTML) 5 Page - Analog Devices

  ADXL321 Datasheet HTML 1Page - Analog Devices ADXL321 Datasheet HTML 2Page - Analog Devices ADXL321 Datasheet HTML 3Page - Analog Devices ADXL321 Datasheet HTML 4Page - Analog Devices ADXL321 Datasheet HTML 5Page - Analog Devices ADXL321 Datasheet HTML 6Page - Analog Devices ADXL321 Datasheet HTML 7Page - Analog Devices ADXL321 Datasheet HTML 8Page - Analog Devices ADXL321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADXL321
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
XOUT
ST
NC
COM
YOUT
NC
NC
COM COM COM
NC
NC
VS
VS
NC
NC = NO CONNECT
ADXL321
TOP VIEW
(Not to Scale)
1
2
3
4
5
678
16
15
14
13
12
11
10
9
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 8, 9, 11, 13, 16
NC
Do Not Connect
2
ST
Self-Test
3, 5 to 7
COM
Common
10
YOUT
Y Channel Output
12
XOUT
X Channel Output
14, 15
VS
2.4 V to 6 V


Similar Part No. - ADXL321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Similar Description - ADXL321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
   Small and Thin 2 g Accelerometer
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com