Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8103-F3 Datasheet(PDF) 1 Page - NEC

Part # PS8103-F3
Description  HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8103-F3 Datasheet(HTML) 1 Page - NEC

  PS8103-F3 Datasheet HTML 1Page - NEC PS8103-F3 Datasheet HTML 2Page - NEC PS8103-F3 Datasheet HTML 3Page - NEC PS8103-F3 Datasheet HTML 4Page - NEC PS8103-F3 Datasheet HTML 5Page - NEC PS8103-F3 Datasheet HTML 6Page - NEC PS8103-F3 Datasheet HTML 7Page - NEC PS8103-F3 Datasheet HTML 8Page - NEC PS8103-F3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
PHOTOCOUPLER
PS8103
HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE
5-PIN SOP PHOTOCOUPLER
Document No. PN10261EJ02V0DS (2nd edition)
Date Published February 2005 CP(K)
Printed in Japan
© NEC Compound Semiconductor Devices, Ltd. 2003, 2005
−NEPOC Series
DESCRIPTION
The PS8103 is an optically coupled isolator containing a GaAs LED on the light emitting diode (input side) and a
PIN photodiode and a high-speed amplifier transistor on the output side on one chip.
This is a plastic SOP (Small Out-line Package) type for high density applications.
FEATURES
• Wide operating VCC range (VCC =
−0.5 to +15 V)
• Small package (5-pin SOP)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• High-speed response (tPHL, tPLH = 5
µs MAX. (@RL = 4.1 kΩ))
• Ordering number of taping product: PS8103-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
53
12
4
APPLICATIONS
• Computer and peripheral manufactures
• General purpose inverter
• Substitutions for relays and pulse transformers
• Power supply
The mark
shows major revised points.


Similar Part No. - PS8103-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8103-F3 CEL-PS8103-F3 Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8103-F3-A CEL-PS8103-F3-A Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS8103-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8103 CEL-PS8103 Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8103 RENESAS-PS8103 Datasheet
262Kb / 13P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
logo
NEC
PS8703 NEC-PS8703 Datasheet
122Kb / 6P
   NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
   HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101_15 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8101 NEC-PS8101_1 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101_16 Datasheet
429Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
NEC
PS8802-1 NEC-PS8802-1 Datasheet
107Kb / 3P
   NECs 1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com