Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106167 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 106167
Description  Safety relay for emergency stop and safety door monitoring
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106167 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 106167 Datasheet HTML 8Page - PHOENIX CONTACT 106167 Datasheet HTML 9Page - PHOENIX CONTACT 106167 Datasheet HTML 10Page - PHOENIX CONTACT 106167 Datasheet HTML 11Page - PHOENIX CONTACT 106167 Datasheet HTML 12Page - PHOENIX CONTACT 106167 Datasheet HTML 13Page - PHOENIX CONTACT 106167 Datasheet HTML 14Page - PHOENIX CONTACT 106167 Datasheet HTML 15Page - PHOENIX CONTACT 106167 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PSR-MS20 / PSR-MS25
106167_en_03
PHOENIX CONTACT
13
15
Application examples
Key:
Applications with the PSR-MS20
15.1
Emergency stop monitoring/automatic start
Single-channel emergency stop monitoring
Automatic start
Monitoring of external contactors
Suitable up to category 1, PL c (EN ISO 13849-1),
SIL 1 (EN 62061)
Figure 11
Emergency stop monitoring/automatic start
15.2
Safety door monitoring/automatic start
Single-channel safety door monitoring
Automatic start
Monitoring of external contactors
Suitable up to category 1, PL c (EN ISO 13849-1),
SIL 1 (EN 62061)
Figure 12
Safety door monitoring/automatic start
S1
=
Emergency stop button
S2
=
Manual reset device
B1
=
Mechanical safety door switch
K1/K2
=
Contactors
Contactor K2 is not essential in order to
achieve category 1.
24V
0V
K1
K2
N
L
S1
K1
K2
A1
A2
13
14
PSR-MS20
S11
S35
S12
(+)
( )
( )
M1
( )
K1
K2
M
Contactor K2 is not essential in order to
achieve category 1.
K1
K2
M
0V
24V
K1
K2
N
L
M1
( )
S11
(+)
S12
( )
A1
A2
13
14
PSR-MS20
S35
( )
B1
K1
K2
open
closed


Similar Part No. - 106167

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1061670010 MOLEX-1061670010 Datasheet
51Kb / 1P
   SC to SC Adapter, Duplex, Multimode, Beige Body, Metal Alignment Sleeve, Flange Mount Style
More results

Similar Description - 106167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2981020 PHOENIX-2981020 Datasheet
168Kb / 8P
   Safety relay for emergency stop and safety door monitoring
105315 PHOENIX-105315 Datasheet
167Kb / 8P
   Safety relay for emergency stop and safety door monitoring
106172 PHOENIX-106172 Datasheet
414Kb / 17P
   Safety relay for emergency stop and safety door monitoring
PSR-MS20 PHOENIX-PSR-MS20 Datasheet
377Kb / 16P
   Safety relay for emergency stop and safety door monitoring
PSR-MS40 PHOENIX-PSR-MS40 Datasheet
368Kb / 20P
   Safety relay for emergency stop and safety door monitoring
105317 PHOENIX-105317 Datasheet
166Kb / 8P
   Safety relay for emergency stop and safety door monitoring
PSR-MS30 PHOENIX-PSR-MS30 Datasheet
363Kb / 20P
   Safety relay for emergency stop and safety door monitoring
PSR-MC20 PHOENIX-PSR-MC20 Datasheet
414Kb / 17P
   Safety relay for emergency stop and safety door monitoring
105316 PHOENIX-105316 Datasheet
167Kb / 8P
   Safety relay for emergency stop and safety door monitoring
105318 PHOENIX-105318 Datasheet
166Kb / 8P
   Safety relay for emergency stop and safety door monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com