Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1016V1D-JI08 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6R1016V1D-JI08
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1D-JI08 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6R1016V1D-JI08 Datasheet HTML 1Page - Samsung semiconductor K6R1016V1D-JI08 Datasheet HTML 2Page - Samsung semiconductor K6R1016V1D-JI08 Datasheet HTML 3Page - Samsung semiconductor K6R1016V1D-JI08 Datasheet HTML 4Page - Samsung semiconductor K6R1016V1D-JI08 Datasheet HTML 5Page - Samsung semiconductor K6R1016V1D-JI08 Datasheet HTML 6Page - Samsung semiconductor K6R1016V1D-JI08 Datasheet HTML 7Page - Samsung semiconductor K6R1016V1D-JI08 Datasheet HTML 8Page - Samsung semiconductor K6R1016V1D-JI08 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 3 -
July 2004
PRELIMINARY
K6R1004C1D
CMOS SRAM
256K x 4 Bit (with OE) High-Speed CMOS Static RAM
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10ns(Max.)
• Power Dissipation
Standby (TTL)
: 20mA(Max.)
(CMOS) : 5mA(Max.)
Operating K6R1004C1D-10: 65mA(Max.)
• Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• I/O Compatible with 3.3V Device
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Standard Pin Configuration :
K6R1004C1C-J : 32-SOJ-400
K6R1004C1C-K : 32-SOJ-400(Lead-Free)
• Operating in Commercial and Industrial Temperature
range.
The K6R1004C1D is a 1,048,576-bit high-speed Static Random
Access Memory organized as 262,144 words by 4 bits. The
K6R1004C1D uses 4 common input and output lines and has
an output enable pin which operates faster than address
access time at read cycle. The device is fabricated using SAM-
SUNG
′s advanced CMOS process and designed for high-
speed circuit technology. It is particularly well suited for use in
high-density
high-speed
system
applications.
The
K6R1004C1D is packaged in a 400 mil 32-pin plastic SOJ.
PIN FUNCTION
Pin Name
Pin Function
A0 - A17
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O4
Data Inputs/Outputs
VCC
Power(+5.0V)
VSS
Ground
N.C
No Connection
PIN CONFIGURATION(Top View)
Clk Gen.
I/O1 ~ I/O4
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
512x4 Columns
I/O Circuit &
SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A17
A16
A15
A14
A13
OE
I/O4
Vss
Vcc
I/O3
A12
A11
A10
A9
A8
N.C
N.C
A0
A1
A2
A3
CS
I/O1
Vcc
Vss
I/O2
WE
A4
A5
A6
A7
N.C
A10 A11 A12 A13 A14 A15
A0
A1
A2
A3
A4
A5
A6
A7
A9
A16 A17
A8


Similar Part No. - K6R1016V1D-JI08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D-JI08 SAMSUNG-K6R1016V1D-JI08 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-JI08/10 SAMSUNG-K6R1016V1D-JI08/10 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R1016V1D-JI08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com