Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP3SP33SMS Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3SP33SMS
Description  CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3SP33SMS Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CP3SP33SMS Datasheet HTML 1Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 2Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 3Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 4Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 5Page - National Semiconductor (TI) CP3SP33SMS Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.national.com
3.16
DUAL ACCESS.BUS INTERFACE
The two ACCESS.bus (ACB) interface modules support a
two-wire serial interface compatible with the ACCESS.bus
physical layer. It is also compatible with Intel’s System Man-
agement Bus (SMBus) and Philips’ I2C bus. The ACB mod-
ules can be configured as a bus master or slave, and they
can maintain bidirectional communications with both multi-
ple master and slave devices.
The ACCESS.bus receivers can trigger a wake-up condition
out of the low-power modes through the Multi-Input Wake-
Up module.
3.17
DUAL MULTI-FUNCTION TIMER
The two Multi-Function Timer (MFT) modules each contain
a pair of 16-bit timer/counter registers. Each timer/counter
unit can be configured to operate in any of the following
modes:
— Processor-Independent
Pulse
Width
Modulation
(PWM) mode: Generates pulses of a specified width
and duty cycle and provides a general-purpose timer/
counter.
— Dual Input Capture mode: Measures the elapsed time
between occurrences of external event and provides
a general-purpose timer/counter.
— Dual Independent Timer mode: Generates system
timing signals or counts occurrences of external
events.
— Single Input Capture and Single Timer mode: Pro-
vides one external event counter and one system tim-
er.
3.18
VERSATILE TIMER UNITS
The two Versatile Timer Unit (VTU) modules each contain
four independent timer subsystems, which operate as a
dual 8-bit PWM configuration, a single 16-bit PWM timer, or
a 16-bit counter with two input capture channels. Each of
the timer subsystems offer an 8-bit clock prescaler to ac-
commodate a wide range of frequencies.
3.19
TIMING AND WATCHDOG MODULE
The Timing and Watchdog Module (TWM) contains a Real-
Time timer and a Watchdog unit. The Real-Time Clock Tim-
ing function can be used to generate periodic real-time
based system interrupts. The timer output is one of 16 in-
puts to the Multi-Input Wake-Up module which can be used
to exit from a low-power mode. The Watchdog unit is de-
signed to detect the application program getting stuck in an
infinite loop resulting in loss of program control or “runaway”
programs. When the watchdog triggers, it resets the device.
The TWM is clocked by the low-speed Slow Clock.
3.20
MULTI-INPUT WAKE-UP
The Multi-Input Wake-Up (MIWU) feature is used to return
(wake-up) the device from low-power modes to the active
mode. The 64-channel MIWU unit receives wake-up signals
from various internal and external sources. In addition to the
wake-up function, the MIWU unit can generate up to eight
interrupt requests. Each MIWU channel can be individually
programmed to activate one of the interrupt requests.
3.21
POWER MANAGEMENT
The Power Management Module (PMM) improves the effi-
ciency of the device by changing the operating mode and
power consumption to match the required level of activity.
The device can operate in any of four power modes:
— Active: The device operates at full speed using the
high-frequency clock. All device functions are fully op-
erational.
— Power Save: The device operates at reduced speed
using the Slow Clock. The CPU and some modules
can continue to operate at this low speed.
— Idle: The device is inactive except for the Power Man-
agement Module and Timing and Watchdog Module,
which continue to operate using the Slow Clock.
— Halt: The device is inactive but still retains its internal
state (RAM and register contents).
The PMM provides a mechanism to handle Bluetooth-spe-
cific power management modes, for optimizing power con-
sumption during special Bluetooth states, like Park, Page
Scan, Inquiry Scan, etc.
3.22
INPUT/OUTPUT PORTS
The device has 64 software-configurable I/O pins (36 in the
FBGA-144 package), organized into four ports called Port
E, Port F, Port G, and Port H. Each pin can be configured to
operate as a general-purpose input or general-purpose out-
put. In addition, many I/O pins can be configured to operate
as inputs or outputs for on-chip peripheral modules such as
the UARTs or timers.
The I/O pin characteristics are fully programmable. Each pin
can be configured to operate as a TRI-STATE output, push-
pull output, weak pullup/pulldown input, high-speed drive, or
high-impedance input.
3.23
CLOCK AND RESET MODULE
The Clock and Reset module generates a 12-MHz Main
Clock from an external crystal network or external clock in-
put. Main Clock may be used as a reference clock for two
PLL-based clock multipliers available for generating higher-
speed clocks.
Most modules operate from clocks derived from Main Clock
or a PLL clock. Modules on the CPU core AHB bus operate
from HCLK Clock, while modules on the peripheral APB
buses operate from PCLK Clock. PCLK Clock is generated
by dividing HCLK Clock by 1, 2, or 4. Some peripheral mod-
ules may use one of several auxiliary clocks, which also are
derived from Main Clock or a PLL clock using 12-bit pro-
grammable prescalers.
In Power-Save mode, HCLK Clock is driven by Slow Clock,
which is typically a 32.768 kHz signal generated from an ex-
ternal clock network or a prescaled Main Clock may be used
to eliminate the 32.768 kHz crystal network, for the most
cost-sensitive applications. In the most power-sensitive ap-
plications, operation from an external 32.768 kHz crystal
network allows the high-frequency oscillator and PLLs to be
shut down.


Similar Part No. - CP3SP33SMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3SP33SMS/NOPB TI1-CP3SP33SMS/NOPB Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
CP3SP33SMSX/NOPB TI1-CP3SP33SMSX/NOPB Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
More results

Similar Description - CP3SP33SMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
logo
Texas Instruments
CP3BT23 TI1-CP3BT23 Datasheet
1Mb / 260P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
CP3BT23 TI1-CP3BT23_14 Datasheet
3Mb / 324P
[Old version datasheet]   CP3BT23 Reprogrammable Connectivity Processor with Bluetooth and Dual CAN Interfaces
logo
National Semiconductor ...
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3BT13 NSC-CP3BT13 Datasheet
3Mb / 232P
   CP3BT13 Reprogrammable Connectivity Processor with Bluetooth-R and CAN Interfaces
CP3CN23 NSC-CP3CN23 Datasheet
3Mb / 246P
   CP3CN23 Reprogrammable Connectivity Processor with Dual CAN Interfaces
logo
Silicon Laboratories
EZR32WG-434MHZ SILABS-EZR32WG-434MHZ Datasheet
3Mb / 29P
   Ethernet and USB connectivity
EZR32WG-169MHZ SILABS-EZR32WG-169MHZ Datasheet
3Mb / 29P
   Ethernet and USB connectivity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com