Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C020-10JL Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27C020-10JL
Description  READ-ONLY MEMORIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C020-10JL Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27C020-10JL Datasheet HTML 4Page - Texas Instruments TMS27C020-10JL Datasheet HTML 5Page - Texas Instruments TMS27C020-10JL Datasheet HTML 6Page - Texas Instruments TMS27C020-10JL Datasheet HTML 7Page - Texas Instruments TMS27C020-10JL Datasheet HTML 8Page - Texas Instruments TMS27C020-10JL Datasheet HTML 9Page - Texas Instruments TMS27C020-10JL Datasheet HTML 10Page - Texas Instruments TMS27C020-10JL Datasheet HTML 11Page - Texas Instruments TMS27C020-10JL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TMS27C020 262144 BY 8-BIT UV ERASABLE
TMS27PC020 262144 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS020C – NOVEMBER 1990 – REVISED SEPTEMBER 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz
PARAMETER
TEST CONDITIONS
MIN
NOM‡
MAX
UNIT
CI
Input capacitance
VI = 0 V,
f = 1 MHz
4
8
pF
CO
Output capacitance
VO = 0 V,
f = 1 MHz
6
10
pF
† Capacitance measurements are made on sample basis only.
‡ All typical values are at TA = 25°C and nominal voltages.
switching characteristics over full ranges of recommended operating conditions (see Notes 3
and 4)
TEST
’27C020-10
’27C020-12
’27C020-15
27C020-20
’27C020-25
PARAMETER
TEST
CONDITIONS
’27PC020-10
’27PC020-12
’27PC020-15
27PC020-20
’27PC020-25
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access
time
from address
100
120
150
200
250
ns
ta(E)
Access
time
from chip en-
able
100
120
150
200
250
ns
ten(G)
Output
enable
time from G
CL = 100 pF,
1 Series 74
55
55
75
75
100
ns
tdis
Output disable
time from G or
E,
whichever
occurs first†
1 Series 74
TTL load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
50
0
50
0
60
0
60
0
80
ns
tv(A)
Output data
valid time after
change of ad-
dress, E, or G,
whichever oc-
curs first§
0
0
0
0
0
ns
§ Value calculated from 0.5-V delta to measured output level. This parameter is sampled and not 100% tested.
NOTES:
3. For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high
and 0.8 V for logic low. (See Figure 2).
4. Common test conditions apply for tdis except during programming.


Similar Part No. - TMS27C020-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI1-TMS27C010A Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-10 TI1-TMS27C010A-10 Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-10JL TI1-TMS27C010A-10JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-10JL TI-TMS27C010A-10JL Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C020-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
SN74S478 TI-SN74S478 Datasheet
362Kb / 5P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com