Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1008V1D-JC10 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K6R1008V1D-JC10
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1008V1D-JC10 Datasheet(HTML) 7 Page - Samsung semiconductor

  K6R1008V1D-JC10 Datasheet HTML 1Page - Samsung semiconductor K6R1008V1D-JC10 Datasheet HTML 2Page - Samsung semiconductor K6R1008V1D-JC10 Datasheet HTML 3Page - Samsung semiconductor K6R1008V1D-JC10 Datasheet HTML 4Page - Samsung semiconductor K6R1008V1D-JC10 Datasheet HTML 5Page - Samsung semiconductor K6R1008V1D-JC10 Datasheet HTML 6Page - Samsung semiconductor K6R1008V1D-JC10 Datasheet HTML 7Page - Samsung semiconductor K6R1008V1D-JC10 Datasheet HTML 8Page - Samsung semiconductor K6R1008V1D-JC10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 7 -
July 2004
PRELIMINARY
K6R1004C1D
CMOS SRAM
NOTES(READ CYCLE)
1. WE is high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or
VOL levels.
4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to
device.
5. Transition is measured
±200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested.
6. Device is continuously selected with CS=VIL.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
TIMING WAVEFORM OF WRITE CYCLE(1) (OE= Clock)
Address
CS
tWP(2)
tDW
tDH
Valid Data
WE
Data in
Data out
tWC
tWR(5)
tAW
tCW(3)
High-Z(8)
High-Z
OE
tOHZ(6)
tAS(4)
TIMING WAVEFORM OF WRITE CYCLE(2) (OE=Low Fixed)
Address
CS
tWP1(2)
tDW
tDH
tOW
tWHZ(6)
Valid Data
WE
Data in
Data out
tWC
tAS(4)
tWR(5)
tAW
tCW(3)
(10)
(9)
High-Z(8)
High-Z


Similar Part No. - K6R1008V1D-JC10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008V1D-JC10 SAMSUNG-K6R1008V1D-JC10 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R1008V1D-JC10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com