Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TA8266H Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TA8266H
Description  Max Power 35 W BTL ®4 ch Audio Power IC
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TA8266H Datasheet(HTML) 3 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TA8266H
2002-02-13
3
Caution and Application Method
(Description is made only on the single channel.)
1.
Voltage Gain Adjustment
This IC has no NF (negative feedback) terminals. Therefore, the voltage gain can’t adjusted, but it makes
the device a space and total costs saver.
The voltage gain of Amp.1
: GV1 = 8dB
The voltage gain of Amp.2A, B
: GV2 = 20dB
The voltage gain of BLT Connection : GV (BTL) = 6dB
Therefore, the total voltage gain is decided by expression below.
GV = GV1 + GV2 + GV (BTL) = 8 + 20 + 6 = 34dB
2.
Stand-by SW Function (pin 4)
By means of controlling pin 4 (stand-by terminal) to
high and low, the power supply can be set to ON and
OFF. The threshold voltage of pin 4 is set at about
3VBE (typ.), and the power supply current is about 2
mA (typ.) at the stand-by state.
Control Voltage of pin 4: VSB
Stand-by
Power
VSB (V)
ON
OFF
0~1.5
OFF
ON
3~VCC
Adjustage of Stand-by SW
(1)
Since VCC can directly be controlled to ON or OFF by the microcomputer, the switching relay can be
omitted.
(2)
Since the control current is microscopic, the switching relay of small current capacity is satisfactory
for switching
Amp. 1
Input
Amp. 2A
Amp. 2B
Figure 1
Block Diagram
Figure 2 With pin 4 set to High,
Power is turned ON
ON
4
OFF
10 k
W
to BIAS
CUTTING CIRCUIT
» 2VBE
VCC
Power


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn