Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1770TMF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1770TMF
Description  SOT-23 Synchronous Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1770TMF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1770TMF Datasheet HTML 1Page - National Semiconductor (TI) LM1770TMF Datasheet HTML 2Page - National Semiconductor (TI) LM1770TMF Datasheet HTML 3Page - National Semiconductor (TI) LM1770TMF Datasheet HTML 4Page - National Semiconductor (TI) LM1770TMF Datasheet HTML 5Page - National Semiconductor (TI) LM1770TMF Datasheet HTML 6Page - National Semiconductor (TI) LM1770TMF Datasheet HTML 7Page - National Semiconductor (TI) LM1770TMF Datasheet HTML 8Page - National Semiconductor (TI) LM1770TMF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM1770
SOT-23 Synchronous Buck Controller
General Description
The LM1770 is an efficient synchronous buck switching con-
troller in a tiny SOT23 package. The constant on-time control
scheme provides a simple design free of compensation com-
ponents, allowing minimal component count and board
space. It also incorporates a unique input feed-forward to
maintain a constant frequency independent of the input volt-
age. The LM1770 is optimized for a low voltage input range
of 2.8V to 5.5V and can provide an adjustable output as low
as 0.8V. Driving an external high side PFET and low side
NFET it can provide efficiencies as high as 95%.
Three versions of the LM1770 are available depending on
the switching frequency desired for the application. Nominal
switching frequencies are in the range of 100kHz to
1000kHz.
Features
n
Input voltage range of 2.8V to 5.5V
n
0.8V reference voltage
n
No compensation required
n
Constant frequency across input range
n
Low quiescent current of 400µA
n
Internal soft-start
n
Short circuit protection
n
Tiny SOT-23 package
Applications
n
Simple To Design, High Efficiency Step Down Switching
Regulators
n
Set-Top Boxes
n
Cable Modems
n
Printers
n
Digital Video Recorders
n
Servers
Typical Application Circuit
20166201
September 2005
© 2005 National Semiconductor Corporation
DS201662
www.national.com


Similar Part No. - LM1770TMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1770TMF/NOPB TI1-LM1770TMF/NOPB Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
LM1770TMFX/NOPB TI1-LM1770TMFX/NOPB Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
More results

Similar Description - LM1770TMF

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com