Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1770SMFX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1770SMFX
Description  SOT-23 Synchronous Buck Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1770SMFX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1770SMFX Datasheet HTML 1Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 2Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 3Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 4Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 5Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 6Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 7Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 8Page - National Semiconductor (TI) LM1770SMFX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
Top View
20166202
SOT23-5 Package
NS Package Number MA05B
Ordering Information
Order Number
Package Type
NSC Package Drawing
On-time
Supplied As
LM1770SMF
SOT23-5
MF05A
500ns
1000 units Tape and Reel
LM1770SMFX
SOT23-5
MF05A
500ns
3000 units Tape and Reel
LM1770TMF
SOT23-5
MF05A
1000ns
1000 units Tape and Reel
LM1770TMFX
SOT23-5
MF05A
1000ns
3000 units Tape and Reel
LM1770UMF
SOT23-5
MF05A
2000ns
1000 units Tape and Reel
LM1770UMFX
SOT23-5
MF05A
2000ns
3000 units Tape and Reel
Pin Descriptions
Pin #
Name
Function
1V
IN
Input supply
2
GND
Ground
3
LG
NFET Gate Drive
4
HG
PFET Gate Drive
5
FB
Feedback Pin
www.national.com
2


Similar Part No. - LM1770SMFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1770SMF/NOPB TI1-LM1770SMF/NOPB Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
More results

Similar Description - LM1770SMFX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com