Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THNCF160MBAI Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # THNCF160MBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF160MBAI Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button THNCF160MBAI Datasheet HTML 4Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 5Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 6Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 7Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 8Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 9Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 10Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 11Page - Toshiba Semiconductor THNCF160MBAI Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
8/48
Preliminary
Signal Name
Dir
Pin No.
Description
RDY/-BSY
(PC Card Memory Mode)
In Memory Mode this signal is set high when the CompactFlash
Storage Card is ready to accept a new data transfer operation and
held low when the card is busy .The Host memory card socket
must provide a pull-up resistor.
At power up and at Reset the RDY/
BSY signal is held low (busy)
until the CompactFlash Storage Card has completed its power up
or reset function. No access of any type should be made to the
CompactFlash Storage Card during this time .The RDY/-BSY
signal is held high (disabled from being busy) whenever the
following condition is true. The CompactFlash Storage Card has
been powered up with + RESET continuously disconnected or
asserted.
IREQ
(PC Card I/O Mode)
Operation-After
the CompactFlash Storage
Card
has
been
configured for I/O operation; this signal is used as interrupt
Request. This line is strobe low to generate a pulse mode interrupt
or held low for a level mode interrupt
INTRQ
(True IDE Mode)
O
37
In True IDE Mode signal is the active high interrupt Request to the
host.
REG
(PC Card Memory Mode)
This signal is used during Memory Cycles to distinguish between
Common Memory and Register (Attribute) Memory accesses. High
for Common Memory, Low for Attribute Memory.
REG
(PC Card I/O Mode)
The signal must also be active (low) during I/O Cycles when the I/O
address is on the Bus.
REG
(True IDE Mode)
I
44
In True IDE Mode this input signal is not used and should be
connected to VCC by the host.
RESET
(PC Card Memory Mode)
RESET
(PC Card I/O Mode)
When the pin is high, this signal Resets the CompactFlash Storage
Card. The CompactFlash Storage Card is Reset only at power up if
this pin is left high or open from power-up .The CompactFlash
Storage Card is also Reset when the Soft Reset bit in the Card
Configuration Option Register is set.
RESET
(True IDE Mode)
I
41
In the True IDE Mode this input pin is the active low hardware reset
from the host.
VCC
(PC Card Memory Mode)
(PC Card I/O Mode)
(True IDE Mode)
13,38
+5V +3.3V power
VS1 / VS2
(PC Card Memory Mode)
(PC Card
I/O Mode)
(True IDE Mode)
O
33,40
Voltage
Sense
Signals.
-VS1
is
grounded
so
that
the
CompactFlash Storage Card CIS can be read at 3.3 volts and
VS2 is reserved by PCMCIA for a secondary voltage.
WAIT
(PC Card Memory Mode)
WAIT
(PC Card I/O Mode)
The
−WAIT signal is driven low by the CompactFlash Storage Card
to signal the host to delay completion of a memory or I/O cycle that
is in progress.
IORDY
(True IDE Mode)
O
42
In True IDE Mode this output signal may be used as IORDY
WE
(PC Card Memory Mode)
This is a signal driven by the host and used for strobing memory
write data to the registers of the CompactFlash Storage Card when
the card is configured I the memory interface mode. It is also used
for writing the configuration registers.
WE
(PC Card I/O Mode)
I
36
In PC Card I/O Mode, this signal is used for writing the
configuration registers.


Similar Part No. - THNCF160MBAI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF160MAA TOSHIBA-THNCF160MAA Datasheet
461Kb / 52P
   CompactFlash Card
More results

Similar Description - THNCF160MBAI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF064MMA TOSHIBA-THNCF064MMA Datasheet
501Kb / 47P
   The THNCFxxxxMA series CompactFlash card is a flash technology based with ATA interface flash memory card
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com