Electronic Components Datasheet Search |
|
PIC18F4620 Datasheet(PDF) 3 Page - Microchip Technology |
|
PIC18F4620 Datasheet(HTML) 3 Page - Microchip Technology |
3 / 390 page 2004 Microchip Technology Inc. Preliminary DS39626B-page 1 PIC18F2525/2620/4525/4620 Power Managed Modes: • Run: CPU on, peripherals on • Idle: CPU off, peripherals on • Sleep: CPU off, peripherals off • Idle mode currents down to 2.5 µA typical • Sleep mode current down to 100 nA typical • Timer1 Oscillator: 1.8 µA, 32 kHz, 2V • Watchdog Timer: 1.4 µA, 2V typical • Two-Speed Oscillator Start-up Flexible Oscillator Structure: • Four Crystal modes, up to 40 MHz • 4x Phase Lock Loop (PLL) – available for crystal and internal oscillators) • Two External RC modes, up to 4 MHz • Two External Clock modes, up to 40 MHz • Internal oscillator block: - 8 user selectable frequencies, from 31 kHz to 8MHz - Provides a complete range of clock speeds from 31 kHz to 32 MHz when used with PLL - User tunable to compensate for frequency drift • Secondary oscillator using Timer1 @ 32 kHz • Fail-Safe Clock Monitor - Allows for safe shutdown if peripheral clock stops Peripheral Highlights: • High-current sink/source 25 mA/25 mA • Three programmable external interrupts • Four input change interrupts • Up to 2 Capture/Compare/PWM (CCP) modules, one with Auto-Shutdown (28-pin devices) • Enhanced Capture/Compare/PWM (ECCP) module (40/44-pin devices only): - One, two or four PWM outputs - Selectable polarity - Programmable dead time - Auto-Shutdown and Auto-Restart Peripheral Highlights (Continued): • Master Synchronous Serial Port (MSSP) module supporting 3-wire SPI™ (all 4 modes) and I2C™ Master and Slave modes • Enhanced Addressable USART module: - Supports RS-485, RS-232 and LIN 1.2 - RS-232 operation using internal oscillator block (no external crystal required) - Auto-Wake-up on Start bit - Auto-Baud Detect • 10-bit, up to 13-channel Analog-to-Digital Converter module (A/D): - Auto-acquisition capability - Conversion available during Sleep • Dual analog comparators with input multiplexing • Programmable 16-level High/Low-Voltage Detection (HLVD) module: - Supports interrupt on High/Low-Voltage Detection Special Microcontroller Features: • C compiler optimized architecture: - Optional extended instruction set designed to optimize re-entrant code • 100,000 erase/write cycle Enhanced Flash program memory typical • 1,000,000 erase/write cycle Data EEPROM memory typical • Flash/Data EEPROM Retention: 100 years typical • Self-programmable under software control • Priority levels for interrupts • 8 x 8 Single Cycle Hardware Multiplier • Extended Watchdog Timer (WDT): - Programmable period from 4 ms to 131s • Single-supply 5V In-Circuit Serial Programming™ (ICSP™) via two pins • In-Circuit Debug (ICD) via two pins • Wide operating voltage range: 2.0V to 5.5V • Programmable Brown-out Reset (BOR) with software enable option - Device Program Memory Data Memory I/O 10-bit A/D (ch) CCP/ ECCP (PWM) MSSP Comp. Timers 8/16-bit Flash (bytes) # Single-Word Instructions SRAM (bytes) EEPROM (bytes) SPI™ Master I2C™ PIC18F2525 48K 24576 3986 1024 25 10 2/0 Y Y 1 2 1/3 PIC18F2620 64K 32768 3986 1024 25 10 2/0 Y Y 1 2 1/3 PIC18F4525 48K 24576 3986 1024 36 13 1/1 Y Y 1 2 1/3 PIC18F4620 64K 32768 3986 1024 36 13 1/1 Y Y 1 2 1/3 28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology |
Similar Part No. - PIC18F4620 |
|
Similar Description - PIC18F4620 |