Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCF064MMA Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. THNCF064MMA
Description  The THNCFxxxxMA series CompactFlash card is a flash technology based with ATA interface flash memory card
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF064MMA Datasheet(HTML) 2 Page - Toshiba Semiconductor

  THNCF064MMA Datasheet HTML 1Page - Toshiba Semiconductor THNCF064MMA Datasheet HTML 2Page - Toshiba Semiconductor THNCF064MMA Datasheet HTML 3Page - Toshiba Semiconductor THNCF064MMA Datasheet HTML 4Page - Toshiba Semiconductor THNCF064MMA Datasheet HTML 5Page - Toshiba Semiconductor THNCF064MMA Datasheet HTML 6Page - Toshiba Semiconductor THNCF064MMA Datasheet HTML 7Page - Toshiba Semiconductor THNCF064MMA Datasheet HTML 8Page - Toshiba Semiconductor THNCF064MMA Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
THNCFxxxxMA Series
2002-10-20
2/47
Preliminary
Products Specifications
• Dimensions:
Type I card :
36.4mm(L) x 42.8mm (W) x 3.3mm (H)
• Storage Capacities:
64, 128, 256, 512, 768MB up to 1.02GB (unformatted)
• System Compatibility:
Please refer to the compatibility list.
• Performance:
Supports PIO mode 4, both at 16.6 Mbytes/second theoretically
Sustained write max 1.5 Mbyte/sec (max) in ATA PIO mode 4
Sustained read max 6.5 Mbyte/sec (max ) in ATA PIO mode 4
• Operating Voltage:
3.3V ± 0.3V
5.0V ± 0.5V
• Power consumption:
• 5V operation
Active mode:
Write operation :
48 mA (Typ.)
Read operation
:
36 mA (Typ.)
Sleep mode
:
750µA (Typ)
• 3.3V operation
Active mode:
Write operation :
44 mA (Typ.)
Read operation
:
34 mA (Typ.)
Sleep mode
:
350µA (Typ)
• Environment conditions:
• Operating temperature:
0°C to 70°C
• Storage temperature:
−20°C to 85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn