Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXBAI Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button THNCFXXXBAI Datasheet HTML 22Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 23Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 24Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 25Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 26Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 27Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 28Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 29Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
26/48
Preliminary
Used parameter
Command
Command code
FR
SC
SN
CY
DR
HD
LBA
Check power mode
E5H or 98H
N
N
N
N
Y
N
N
Execute drive diagnostic
90H
N
N
N
N
Y
N
N
Erase sector
C0H
N
Y
Y
Y
Y
Y
Y
Format track
50H
N
Y
N
Y
Y
Y
Y
Identify Drive
ECH
N
N
N
N
Y
N
N
Idle
E3H or 97H
N
Y
N
N
Y
N
N
Idle immediate
E1h or 95h
N
N
N
N
Y
N
N
Initialize drive parameters
91H
N
Y
N
N
Y
Y
N
Read buffer
E4H
N
N
N
N
Y
N
N
Read multiple
C4H
N
Y
Y
Y
Y
Y
Y
Read long sector
22H or 23H
N
N
Y
Y
Y
Y
Y
Read sector
20H or 21H
N
Y
Y
Y
Y
Y
Y
Read verify sector
40h or 41h
N
Y
Y
Y
Y
Y
Y
Recalibrate
1Xh
N
N
N
N
Y
N
N
Request sense
03H
N
N
N
N
Y
N
N
Seek
7XH
N
N
Y
Y
Y
Y
Y
Set features
EFH
Y
N
N
N
Y
N
N
Set multiple mode
C6H
N
Y
N
N
Y
N
N
Set sleep mode
E6h or 99h
N
N
N
N
Y
N
N
Stand by
E2h or 96h
N
N
N
N
Y
N
N
Stand by immediate
E0h or 94h
N
N
N
N
Y
N
N
Translate sector
87H
N
Y
Y
Y
Y
Y
Y
Wear level
F5H
N
N
N
N
Y
Y
N
Write buffer
E8H
N
N
N
N
Y
N
N
Write long sector
32h or 33h
N
N
Y
Y
Y
Y
Y
Write multiple
C5H
N
Y
Y
Y
Y
Y
Y
Write multiple w/o erase
CDH
N
Y
Y
Y
Y
Y
Y
Write sector
30H or 31H
N
Y
Y
Y
Y
Y
Y
Write sector w/o erase
38H
N
Y
Y
Y
Y
Y
Y
Write verify
3CH
N
Y
Y
Y
Y
Y
Y
Notes: FR: Feature register
SC: Sector Count register
SN: Sector Number register
CY: Cylinder register
DR: DRV bit of Drive Head register
HD: Head Number of Drive Head Supported
Y: The register contains a valid parameter for this command.
N: The register does not contain a valid parameter for this command.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn