Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXBAI Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button THNCFXXXBAI Datasheet HTML 18Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 19Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 20Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 21Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 22Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 23Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 24Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 25Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
22/48
Preliminary
Primary I/O map (INDEX=2)
−REG
A10
A9~A4
A3
A2
A1
A0
−IORD=L
−IOWR=L
0
X
1FH
0
0
0
0
Data register
Data register
0
X
1FH
0
0
0
1
Error register
Feature register
0
X
1FH
0
0
1
0
Sector count register
Sector count register
0
X
1FH
0
0
1
1
Sector number register
Sector number register
0
X
1FH
0
1
0
0
Cylinder low register
Cylinder low register
0
X
1FH
0
1
0
1
Cylinder high register
Cylinder high register
0
X
1FH
0
1
1
0
Drive head register
Drive head register
0
X
1FH
0
1
1
1
Status register
Command register
0
X
3FH
0
1
1
0
Alt. status register
Device control register
0
X
3FH
0
1
1
1
Drive address register
Reserved
Secondary I/O map (INDEX=3)
−REG
A10
A9~A4
A3
A2
A1
A0
−IORD=L
−IOWR=L
0
X
17H
0
0
0
0
Data register
Data register
0
X
17H
0
0
0
1
Error register
Feature register
0
X
17H
0
0
1
0
Sector count register
Sector count register
0
X
17H
0
0
1
1
Sector number register
Sector number register
0
X
17H
0
1
0
0
Cylinder low register
Cylinder low register
0
X
17H
0
1
0
1
Cylinder high register
Cylinder high register
0
X
17H
0
1
1
0
Drive head register
Drive head register
0
X
17H
0
1
1
1
Status register
Command register
0
X
37H
0
1
1
0
Alt. status register
Device control register
0
X
37H
0
1
1
1
Drive address register
Reserved
True IDE Mode I/O map
−CE2
−CE1
A2
A1
A0
−IORD=L
−IOWR=L
1
0
0
0
0
Data register
Data register
1
0
0
0
1
Error register
Feature register
1
0
0
1
0
Sector count register
Sector count register
1
0
0
1
1
Sector number register
Sector number register
1
0
1
0
0
Cylinder low register
Cylinder low register
1
0
1
0
1
Cylinder high register
Cylinder high register
1
0
1
1
0
Drive head register
Drive head register
1
0
1
1
1
Status register
Command register
0
1
1
1
0
Alt. status register
Device control register
0
1
1
1
1
Drive address register
Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn