Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

THNCFXXXBAI Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

THNCFXXXBAI Datasheet(HTML) 2 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
2/48
Preliminary
Products Specifications
• Dimensions:
Type I card :
36.4mm(L) x 42.8mm (W) x 3.3mm (H)
• Storage Capacities:
8,16, 32, 48, 64, 96,128, 160, 192, 256, 320, 384 and up to 512 MB (unformatted)
• System Compatibility:
Please refer to the compatibility list.
• Performance:
Supports PIO mode 4, both at 16.6 Mbytes/second theoretically
Sustained write max 1.5 Mbyte/sec (max) in ATA PIO mode 4 (8MB to 48MB)
Sustained write max 3.2 Mbyte/sec (max) in ATA PIO mode 4 (64MB to 512MB)
Sustained read max 6.5 Mbyte/sec (max ) in ATA PIO mode 4
• Operating Voltage:
3.3V ± 0.3V
5.0V ± 0.5V
• Power consumption:
• 5V operation
Active mode:
Write operation :
43 mA (Typ.)
Read operation
:
35 mA (Typ.)
Sleep mode
:
1.2mA (Typ) *1
2.0mA (max.)
• 3.3V operation
Active mode:
Write operation :
38 mA (Typ.)
Read operation
:
30 mA (Typ.)
Sleep mode
:
1.0mA (Typ) *1
1.5mA (max.)
• Environment conditions:
• Operating temperature:
0°C to 70°C (THNCFxxxMBA Series)  Commercial grade 
−40°C to 85°C (THNCFxxxMBAI Series)  Industrial grade 
• Storage temperature:
−20°C to 85°C (THNCFxxxMBA Series)  Commercial grade 
−45°C to 90°C (THNCFxxxMBAI Series)  Industrial grade 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn