Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXBAI Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button THNCFXXXBAI Datasheet HTML 14Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 15Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 16Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 17Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 18Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 19Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 20Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 21Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
18/48
Preliminary
Address
Data
Description of contents
CIS function
058H
20H
Tuple data
05AH
00H
Null Terminator
Tuple data
05CH
00H
Reserved (Vender Specific Strings)
Tuple data
05EH
00H
Reserved (Vender Specific Strings)
Tuple data
060H
00H
Reserved (Vender Specific Strings)
Tuple data
062H
00H
Reserved (Vender Specific Strings)
Tuple data
064H
00H
Reserved (Vender Specific Strings)
Tuple data
066H
00H
Reserved (Vender Specific Strings)
Tuple data
068H
00H
Reserved (Vender Specific Strings)
Tuple data
06AH
00H
Reserved (Vender Specific Strings)
Tuple data
06CH
FFH
END MARKER
End of Tuple
06EH
21H
CISTPL_FUNCID
Tuple code
070H
02H
TPL_LINK
Tuple link
072H
04H
IC Card function code
Tuple data
074H
01H
System initialization bit mask
Tuple data
076H
22H
CISTPL_FUNCE
Tuple code
078H
02H
TPL_LINK
Tuple link
07AH
01H
Type of extended data
Tuple data
07CH
01H
Function information
Tuple data
07EH
22H
CISTPL_FUNCE
Tuple code
080H
03H
TPL_LINK
Tuple link
082H
02H
Type of extended data
Tuple data
084H
0CH
Function information
Tuple data
086H
0FH
Function information
Tuple data
088H
1AH
CISTPL_CONFIG
Tuple code
08AH
05H
TPL_LINK
Tuple link
08CH
01H
Size field
Tuple data
08EH
03H
Index number of last entry
Tuple data
090H
00H
Configuration register base address (Low)
Tuple data
092H
02H
Configuration register base address (High)
Tuple data
094H
0FH
Configuration register present mask
Tuple data
096H
1BH
CISTPL_CFTABLE_ENTRY
Tuple code
098H
08H
TPL_LINK
Tuple link
09AH
C0H
Configuration Index Byte
Tuple data
09CH
C0H
Interface Descriptor
Tuple data
09EH
A1H
Feature Select
Tuple data
0A0H
01H
Vcc Selection Byte
Tuple data
0A2H
55H
Nom V Parameter
Tuple data
0A4H
08H
Memory length (256 byte pages)
Tuple data
0A6H
00H
Memory length (256 byte pages)
Tuple data
0A8H
20H
Misc features
Tuple data
0AAH
1BH
CISTPL_CFTABLE_ENTRY
Tuple code
0ACH
06H
TPL_LINK
Tuple link
0AEH
00H
Configuration Index Byte
Tuple data
0B0H
01H
Feature Select
Tuple data
0B2H
21H
Vcc Selection Byte
Tuple data
0B4H
B5H
Nom V Parameter
Tuple data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn