Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

THNCFXXXBAI Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

THNCFXXXBAI Datasheet(HTML) 16 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
16/48
Preliminary
3. Pin Replacement register (Address 204h)
This register is used for providing the state of −IREQ signal when the card configured I/O card interface.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0
0
CRDY/
−BSY
0
1
1
RRDY/
−BSY
0
Note:
initial value
→ 0CH
Name
R/W
Function
CRDY/
BSY
(HOST->)
R/W
This bit is set to “1” when the RRDY/
−BSY bit changes state. The host may also write this bit.
RRDY/
BSY
(HOST->)
R
When read, this bit indicates +READY pin states. When written, this bit is used for CRDY/
−BSY
bit masking.
4. Socket and Copy register (Address 206h)
This register is used for identification of the card from the other cards. Host can read and write this register.
Host should set this register before this card’s Configuration Option register set.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0
0
0
DRV#
0
0
0
0
Note:
initial value
→ 00H
Name
R/W
Function
DRV#
(HOST->)
R/W
These fields are used for the configuration of the plural cards. When host configures the plural
cards, written the card’s copy number in this field. In this way, host can perform the card’s
master/slave organization.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn