Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXBAI Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button THNCFXXXBAI Datasheet HTML 10Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 11Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 12Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 13Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 14Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 15Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 16Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 17Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
14/48
Preliminary
Configuration register specifications
This card supports four Configuration registers for the purpose of the configuration and observation of this card.
These registers can be used in memory card mode and I/O card mode. In True IDE mode, these registers cannot be
used.
1. Configuration Option register (Address 200h)
This register is used for the configuration of the card configuration status and for the issuing soft reset to the
card.
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
SRESET
LevIREQ
INDEX
Note:
initial value
→ 00H
Name
R/W
Function
SRESET
R/W
Setting this bit to “1”, places the card in the reset state (Card Hard Reset). This operation is equal
to Hard Reset, except this bit is not cleared. Then this bit set to “0”, places the card in the reset
state of Hard Reset (This bit is set to “0” by Hard Reset). Card configuration status is reset and
the card internal initialized operation starts when Card Hard Reset is executed, so next access to
the card should be the same sequence as the power on sequence.
LevlREQ
(HOST->)
R/W
This bit sets to “0” when pulse mode interrupt is selected, and “1” when level mode interrupt is
selected.
INDEX
(HOST->)
R/W
This bits is used for select operation mode of the card as follows.
When Power on, Card Hard Reset and Soft Reset, this data is “000000” for the purpose of
Memory card interface recognition.
Note:
initial value
→ 00H
• INDEX bit assignment
INDEX bit
5
4
3
2
1
0
Card mode
Task file register address
Mapping mode
0
0
0
0
0
0
Memory card
0H to FH, 400H to 7FFH
Memory mapped
0
0
0
0
0
1
I/O card
xx0H to xxFH
Contiguous I/O mapped
0
0
0
0
1
0
I/O card
1F0H to 1F7H, 3F6H to 3F7H
Primary I/O mapped
0
0
0
0
1
1
I/O card
170H to 177H, 376H to 377H
Secondary I/O mapped


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn