Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

THNCFXXXBAI Datasheet(HTML) 9 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
9/48
Preliminary
Signal Name
Dir
Pin No.
Description
WE
(True IDE Mode)
In True IDE Mode this input signal is not used and should be
connected to VCC by the host.
WP
(PC Card Memory Mode )
Memory Mode-The CompactFlash Storage Card does not have a
write protect switch. This signal is held low after the completion of
the reset initialization sequence.
IOIS16
(PC Card I/O Mode)
I/O Operation-When the CompactFlash Storage Card is configured
for I/O Operation Pin 24 is used for the
−I/O Selected is 16 Bit Port
(
−IOIS16) function. A Low signal indicates that a 16 bit or odd byte
only operation can be performed at the addressed port.
IOIS16
(True IDE Mode)
O
24
In True IDE Mode this output signal is asserted low when this
device is expecting a word data transfer cycle.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn