Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXBAI Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button THNCFXXXBAI Datasheet HTML 40Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 41Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 42Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 43Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 44Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 45Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 46Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 47Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 48Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
47/48
Preliminary
Attention for Card Use
• In the reset or power off, the information of all registers is cleared.
• Notice that the card insertion/removal should not be executed during host is active, if the card is used in True
IDE mode.
• After the card hard reset, soft reset, or power on reset, ATA reset, command applied the card cannot access
during +RDY / −BSY pin is “low” level. Flash card can’t be operated in this case.
• Before the card insertion VCC cannot be supplied to the card. After confirmation that −CD1, −CD2 pins are
inseted, supply VCC to the card.
• −OE must be kept at the VCC level during power on reset in memory card mode and I/O card mode. OE must be
kept constantly at the GND level in True IDE mode.
• Do not turn off the power or remove THNCFxxxMBA/BAI Series from the slot before read/write operation is
complete. Avoid using THNCFxxxMBA/BAI Series when the battery is low. Power shortage, power failure and/or
removal of THNCFxxxMBA/BAI Series from the slot before read/write operation is complete may cause
malfunction of THNCFxxxMBA/BAI Series, data loss and/or damage to data.
• Routine performance of backing-up data (or taking back-up of data) is strongly recommended.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn