Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

THNCFXXXBAI Datasheet(PDF) 46 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

THNCFXXXBAI Datasheet(HTML) 46 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
46/48
Preliminary
Package Dimensions
Type
Ⅰ CompactFlash Storage Card Dimensions
4XR 0.5mm
±.1
(4XR.020 in
±. 004)
41.66mm
±.13(1.640 in±. 005)
42.80mm±.10(1.685 in
±. 004)
0.63mm
±.07(.025 in±. 003)
1.01mm
±0.7( .039 in±.003)
TOP
26
50
1
25
.99mm
±.05
(.039 in.
±. 002)
1.01mm
±0.7 (.039 in±.003)
3.30mm
±.10
(.130 in
±.004 )
1.60mm
±.05
(.063 in
±.002)
0.76mm
±.07(0.30 in±.003)
2.44mm
±.07
(.096 in
±. 003)
Note:
The optional notched configuration was shown in the CF Specification Rev.1.0. In
Specification Rev. 1.2. The notch was removed for ease of tooling.
This optional configuration can be used but it is not recommended.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn