Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXBAI Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button THNCFXXXBAI Datasheet HTML 40Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 41Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 42Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 43Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 44Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 45Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 46Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 47Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 48Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
44/48
Preliminary
Reset Characteristics (only Memory Card Mode or I/O Card Mode)
SYMBOL
PARAMETER
MIN
MAX
TYP
UNIT
NOTES
tSU (RESET)
Reset setup time
100
ms
tREC (VCC)
−CE recover time
1
µs
tPR
VCC rising up time
0.1
100
ms
tPF
VCC falling down time
3
300
ms
tW (RESET)
10
µs
tH (Hi-ZRESET)
1
ms
tS (Hi-ZRESET)
Reset pulse width
0
ms
Hardware Reset Timing
−CE1,−CE2
VCC
tPR
Low
10%
High-Z
90%
90%
10%
tPF
tREC(VCC)
RESET
tH(Hi-ZRESET)
tSU(RESET)
tW(RESET)
tS(Hi-ZRESET)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn