Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXBAI Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button THNCFXXXBAI Datasheet HTML 32Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 33Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 34Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 35Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 36Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 37Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 38Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 39Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
36/48
Preliminary
AC CHARACTERISTICS (VCC
==== 3.3 V ±±±± 0.3V, VCC ==== 5 V ±±±± 0.5V)
Ta
= 0°C~70°C for THNCFxxxMBA (Commercial grade)
Ta
= -40°C~85°C for THNCFxxxMBAI (Industrial grade)
Attribute Memory Read AC Characteristics
SYMBOL
PARAMETER
MIN
MAX
TYP
UNIT
NOTES
tCR
Read cycle time
250
tA (A)
Address access time
250
tA (CE)
−CE access time
250
tA (OE)
−OE access time
125
tDIS (CE)
Output disable time (
−CE)
100
tDIS (OE)
Output disable time (
−OE)
100
tEN (CE)
Output enable time (
−CE)
5
tEN (OE)
Output enable time (
−OE)
5
tV (A)
Data valid time (A)
0
tSU (A)
Address setup time
30
ns
Attribute Memory Read Timing
−CE
−OE
DOUT
−REG
An
tC (R)
tSU(A)
tA(CE)
tV(A)
tDIS(CE)
tDIS(OE)
tA (A)
tEN(CE)
tA(OE)
tEN (OE)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn