Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THNCFXXXBAI Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXBAI Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button THNCFXXXBAI Datasheet HTML 31Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 32Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 33Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 34Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 35Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 36Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 37Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 38Page - Toshiba Semiconductor THNCFXXXBAI Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
35/48
Preliminary
DC CHARACTERISTICS (VCC
==== 3.3 V ±±±± 0.3V, VCC ==== 5 V ±±±± 0.5V)
Ta
= 0°C~70°C for THNCFxxxMBA (Commercial grade)
Ta
= -40°C~85°C for THNCFxxxMBAI (Industrial grade)
Input Characteristics
Type
SYMBOL
PARAMETER
MIN
MAX
TYP
UNIT
CONDITION
VIH
Input High Voltage CMOS
(5V Tolerance)
2.0
2.0
VCC = 3.3 V
VCC = 5 V
1
VIL
Input Low Voltage CMOS
(5V Tolerance)
1.0
1.0
VCC = 3.3 V
VCC = 5 V
VIH
Input High Voltage
(3.3V : CMOS
5V: TTL)
2.0
2.0
VCC = 3.3 V
VCC = 5 V
2
VIL
Input Low Voltage CMOS
(3.3V : CMOS
5V: TTL)
1.0
0.8
VCC = 3.3 V
VCC = 5 V
VT+
Input High Voltage CMOS with Schmitt trigger
(5V Tolerance)
2.5
2.5
2.1
2.1
VCC = 3.3 V
VCC = 5 V
3
VT-
Input Low Voltage CMOS with Schmitt trigger
(5V Tolerance)
0.9
0.9
1.2
1.2
VCC = 3.3 V
VCC = 5 V
VT+
Input High Voltage with Schmitt trigger
(3.3V : CMOS
5V: TTL)
2.3
2.0
2.1
1.8
VCC = 3.3 V
VCC = 5 V
4
VT-
Input Low Voltage with Schmitt trigger
(3.3V : CMOS
5V: TTL)
1.0
0.8
1.2
1.1
V
VCC = 3.3 V
VCC = 5 V
Output Drive Characteristics
Type
SYMBOL
PARAMETER
MIN
MAX
TYP
UNIT
CONDITION
VOH
Output High Voltage
VCC − 0.8
1
VOL
Output Low Voltage
Gnd + 0.4
V
IOH = −4mA
IOL = 4mA
SYMBOL
PARAMETER
MIN
MAX
TYP.
UNIT
TEST CONDITIONS
ILI
Input leakage current
1
µA
ILO
Output leakage current
1
µA
VOUT = high
impedance
−IPU
Pull-up current (Resistivity)
43 (75)
µA (kΩ)
VFORCE = 3.3V
−IPD
Pull-down current (Resistivity)
−48 / (206)
µA (kΩ)
VFORCE = 0V
ICCS
Sleep mode current
1.5
2.0
1.0
1.2
mA
VCC = 3.3V
VCC = 5V
Operating current @ 3.3V
Write operation
Read operation
38
30
mA
VCC = 3.3V operation
ICCO
Operating current @ 5V
Write operation
Read operation
43
35
mA
VCC = 5V operation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn