Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

THNCFXXXBAI Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part No. THNCFXXXBAI
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

THNCFXXXBAI Datasheet(HTML) 33 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
33/48
Preliminary
Card System performance
ITEM
Performance
Set up times (Reset to Ready)
400 ms (max.)
*1
Set up times (Sleep to Idle)
100
µs (max.)
Set up times (Deep Power Down to Idle)
4 ms (max.)
Data transfer rate to / from host
16.6 M byte / s burst (max.), theoretically
Sustained read transfer rate
6.5 M byte / s (max.), actually
*2
Sustained write transfer rate
1.5 M byte / s (max.) <8MB~48MB>, actually
*2
Sustained write transfer rate
3.2 M byte / s (max.) <64MB~512MB>, actually
*2
Controller overhead (Command to DRQ)
4 ms (max.)
Data transfer cycle end to ready (Sector write)
500
µs (typ.), 50ms (max.)
Notes:
1. This parameter will be changed for different capacity and NAND type flash memory, the typical set up time for 2 Giga Bytes
flash card is 325ms
2. The actual transfer rate is measured under ATA PIO mode 4 with single cycle time as 120ns.
ELECTRICAL SPECIFICATION
SYMBOL
PARAMETER
MIN
MAX
TYP
UNIT
NOTES
VIN , VOUT All input / output voltage
−0.3
VCC+ 0.3
V
VCC
Power Supply Voltage
(Absolute Maximum Ratings)
−0.6
6.0
V
4.5
5.5
5.0
V
VCC
Power Supply Voltage
(Recommended Operation Condition)
3.0
3.6
3.3
V
0
70
25
°C
Commercial grade *1
Topr
Operating Temperature
−40
85
°C
Industrial grade *2
−20
85
°C
Commercial grade *1
Tstg
Storage Temperature
−45
90
°C
Industrial grade *2
Notes:
1. THNCFxxxMBA Series (Commercial grade)
2. THNCFxxxMBAI Series (Industrial grade)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn