Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARA05050 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # ARA05050
Description  Reverse Amplifier with Step Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

ARA05050 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  ARA05050 Datasheet HTML 1Page - Skyworks Solutions Inc. ARA05050 Datasheet HTML 2Page - Skyworks Solutions Inc. ARA05050 Datasheet HTML 3Page - Skyworks Solutions Inc. ARA05050 Datasheet HTML 4Page - Skyworks Solutions Inc. ARA05050 Datasheet HTML 5Page - Skyworks Solutions Inc. ARA05050 Datasheet HTML 6Page - Skyworks Solutions Inc. ARA05050 Datasheet HTML 7Page - Skyworks Solutions Inc. ARA05050 Datasheet HTML 8Page - Skyworks Solutions Inc. ARA05050 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
204227B • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • September 19, 2016
FEATURES
• LowCostIntegratedMonolothicGaAsAmplifier
With Step Attenuator
• Attenuation Range: 0-30 dB, Adjustable In
2dB Increments Via a 4 Wire Parallel Control
• Meets DOCSIS Distortion Requirements at
+58dBmV Output Signal Level
• Low Distortion and Low Noise
• Low Signal toNoise Ratio at All Gain Levels
• Frequency Range: 5-100 MHz
• 5 Volt Operation
• RoHS-Compliant Package Option
APPLICATIONS
• MCNS/DOCSIS Compliant Cable Modems
• CATV Interactive Set-Top Box
• OpenCable Set-Top Box
• Fiber Nodes
• Cable Modem Termination Systems (CMTS)
PRODUCT DESCRIPTION
The ARA05050 is a GaAs IC designed to provide the
reverse path amplification and output level control
functions in a CATV Set-Top Box or Cable Modem.
It incorporates a digitally controlled precision step
attenuator that is preceded by an ultra low noise
amplifierstage,andfollowedbyanultra-linearoutput
driver amplifier.This device is capable of meeting
the MCNS/DOCSIS requirements for harmonic
Figure 1: Cable Modem or Set Top Box Application Diagram
S12 Package
28 Pin SSOP with Heat Slug
performance at a +58dBmV output level while requiring
only a single polarity +5V supply. Both the input
and the output are single-ended and matched to 75
Ohms. The precision attenuator provides up to 30 dB
of attenuation in 2 dB increments. The ARA05050 is
offered in a 28-pin SSOP package that features a heat
slug on the bottom of the package, and is available in
a RoHS-compliant option.
LPF
Diplexer
ARA05050
SAW
Filter
Double-
Conversion
Tuner
MAC
Upstream
QPSK/16QAM
Modulator
QAM Receiver
with FEC
Balun
Transmit Enable/Disable
Attenuation Control
Microcontroller
with Ethernet
MAC
RAM
ROM
10Base-T
Transceiver
RJ45
Connector
Clock
Clock
Data
Data
54-860 MHz
44 MHz
5-42 MHz
4
LPF
Switch
ARA05050
ReverseAmplifierwithStepAttenuator
Data Sheet


Similar Part No. - ARA05050

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA05050RS12P1 ANADIGICS-ARA05050RS12P1 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA05050RS12P1 ANADIGICS-ARA05050RS12P1 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
More results

Similar Description - ARA05050

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
   Telephony Reverse Amplifier With Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com