Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THNCF008MBA Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part # THNCF008MBA
Description  The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCF008MBA Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button THNCF008MBA Datasheet HTML 40Page - Toshiba Semiconductor THNCF008MBA Datasheet HTML 41Page - Toshiba Semiconductor THNCF008MBA Datasheet HTML 42Page - Toshiba Semiconductor THNCF008MBA Datasheet HTML 43Page - Toshiba Semiconductor THNCF008MBA Datasheet HTML 44Page - Toshiba Semiconductor THNCF008MBA Datasheet HTML 45Page - Toshiba Semiconductor THNCF008MBA Datasheet HTML 46Page - Toshiba Semiconductor THNCF008MBA Datasheet HTML 47Page - Toshiba Semiconductor THNCF008MBA Datasheet HTML 48Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
THNCFxxxMBA/BAI Series
2002-10-20
44/48
Preliminary
Reset Characteristics (only Memory Card Mode or I/O Card Mode)
SYMBOL
PARAMETER
MIN
MAX
TYP
UNIT
NOTES
tSU (RESET)
Reset setup time
100
ms
tREC (VCC)
−CE recover time
1
µs
tPR
VCC rising up time
0.1
100
ms
tPF
VCC falling down time
3
300
ms
tW (RESET)
10
µs
tH (Hi-ZRESET)
1
ms
tS (Hi-ZRESET)
Reset pulse width
0
ms
Hardware Reset Timing
−CE1,−CE2
VCC
tPR
Low
10%
High-Z
90%
90%
10%
tPF
tREC(VCC)
RESET
tH(Hi-ZRESET)
tSU(RESET)
tW(RESET)
tS(Hi-ZRESET)


Similar Part No. - THNCF008MBA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
More results

Similar Description - THNCF008MBA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCF064MMA TOSHIBA-THNCF064MMA Datasheet
501Kb / 47P
   The THNCFxxxxMA series CompactFlash card is a flash technology based with ATA interface flash memory card
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com