Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8800HDW75 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8800HDW75
Description  Synchronous Buck Regulator with 1.0 Amp Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8800HDW75 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8800HDW75 Datasheet HTML 4Page - ON Semiconductor NCV8800HDW75 Datasheet HTML 5Page - ON Semiconductor NCV8800HDW75 Datasheet HTML 6Page - ON Semiconductor NCV8800HDW75 Datasheet HTML 7Page - ON Semiconductor NCV8800HDW75 Datasheet HTML 8Page - ON Semiconductor NCV8800HDW75 Datasheet HTML 9Page - ON Semiconductor NCV8800HDW75 Datasheet HTML 10Page - ON Semiconductor NCV8800HDW75 Datasheet HTML 11Page - ON Semiconductor NCV8800HDW75 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NCV8800 Series
http://onsemi.com
9
APPLICATIONS INFORMATION
VOUT
NCV8800
Switch
FB2
REX
Power Up/Down
Sequence and
ENABLE
+
R2
21.4 k
Error Amp
1.20 V
56
µA
FB1
R1*
Figure 7.
*The value of R1
is dependent
on the output
voltage option
and is between
25 k and 200 k.
Increasing the Output Voltage
Adjustments to the output voltage can be made with an
external resistor (REX). The increase in output voltage will
typically be 56
µA × REX. Caution and consideration must
be given to the tracking feature and temperature coefficient
and matching of internal and external resistors. Output
tracking always follows the Feedback pins (FB1 and FB2).
The typical temperature coefficient for R1 and R2 is
+4600 ppm/
°C.
THEORY OF OPERATION
V2 Control Method
The V2 method of control uses a ramp signal that is
generated by the ESR of the output capacitors. This ramp is
proportional to the AC current through the main inductor
and is offset by the value of the DC output voltage. This
control scheme inherently compensates for variations in
either line or load conditions, since the ramp signal is
generated from the output voltage itself. This control
scheme differs from traditional techniques such as voltage
mode, which generates an artificial ramp, and current mode,
which generates a ramp from inductor current.
Ramp Signal
Error Signal
Error Amplifier
COMP
GATE(L)
GATE(H)
Output
Voltage
Feedback
PWM Comparator
Figure 8. V2 Control Block Diagram
Reference
Voltage
The V2 control method is illustrated in Figure 8. The output
voltage is used to generate both the error signal and the ramp
signal. Since the ramp signal is simply the output voltage, it
is affected by any change in the output regardless of the origin
of the change. The ramp signal also contains the DC portion
of the output voltage, which allows the control circuit to drive
the main switch to 0% or 100% duty cycle as required.
A change in line voltage changes the current ramp in the
inductor, affecting the ramp signal, which causes the V2
control scheme to compensate the duty cycle. Since the
change in the inductor current modifies the ramp signal, as
in current mode control, the V2 control scheme has the same
advantages in line transient response.
A change in load current will have an effect on the output
voltage, altering the ramp signal. A load step immediately
changes the state of the comparator output, which controls
the main switch. Load transient response is determined only
by the comparator response time and the transition speed of
the main switch. The reaction time to an output load step has
no relation to the crossover frequency of the error signal
loop, as in traditional control methods.
The error signal loop can have a low crossover frequency,
since transient response is handled by the ramp signal loop.
The main purpose of this “slow” feedback loop is to provide
DC accuracy. Noise immunity is significantly improved,
since the error amplifier bandwidth can be rolled off at a low
frequency. Enhanced noise immunity improves remote
sensing of the output voltage, since the noise associated with
long feedback traces can be effectively filtered.
Line and load regulations are drastically improved
because there are two independent voltage loops. A voltage
mode controller relies on a change in the error signal to
compensate for a derivation in either line or load voltage.
This change in the error signal causes the output voltage to
change corresponding to the gain of the error amplifier,
which is normally specified as line and load regulation. A
current mode controller maintains fixed error signal under
deviation in the line voltage, since the slope of the ramp
signal changes, but still relies on a change in the error signal
for a deviation in load. The V2 method of control maintains
a fixed error signal for both line and load variations, since
both line and load affect the ramp signal.
Constant Frequency Operation
During normal operation, the oscillator generates a 200 kHz,
90% duty cycle waveform. The rising edge of this waveform
determines the beginning of each switching cycle, at which
point the high−side switch will be turned on. The high−side
switch will be turned off when the ramp signal intersects the
output of the error amplifier (COMP pin voltage).
Therefore, the switch duty cycle can be modified to regulate
the output voltage to the desired value as line and load
conditions change.


Similar Part No. - NCV8800HDW75

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8800 ONSEMI-NCV8800 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCV8800HDW75

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
   4 MHz, 6A Integrated Switch Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com