Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRT011000FB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CRT011000FB
Description  THICK FILM CHIP RESISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CRT011000FB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CRT011000FB Datasheet HTML 1Page - List of Unclassifed Manufacturers CRT011000FB Datasheet HTML 2Page - List of Unclassifed Manufacturers CRT011000FB Datasheet HTML 3Page - List of Unclassifed Manufacturers CRT011000FB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
American Accurate Components, Inc.
THICK FILM CHIP RESISTORS
05/16/05
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
3
TAPE SCHEMATIC
TAPE DIMENSIONS (mm)
0201
0402
0603
0805
A
0.41
±0.1
0.65
±0.1
1.1
±0.2
1.65
±0.2
B
0.71
±0.1
1.15
±0.1
1.9
±0.2
2.4
±0.2
W
8.0
±0.2
8.0
±0.2
8.0
±0.2
8.0
±0.2
E
1.75
±0.10
1.75
±0.10
1.75
±0.1
1.75
±0.1
F
3.5
±0.05
3.5
±0.05
3.5
±0.05
3.5
±0.05
P1
2.0
±0.05
2.0
±0.05
4.0
±0.1
4.0
±0.1
T
0.5max
0.55
±0.1
0.70
±0.1
0.90
±0.1
Tp
0.4+0.05
0.40
±0.05
0.60
±0.1
0.75
±0.1
1206
1210
2010
2512
A
2.0
±0.15
2.9
±0.1
2.9
±0.1
3.4
±0.1
B
3.6
±0.15
3.5
±0.1
5.3
±0.1
6.6
±0.1
W
8.0
±0.2
8.0
±0.2
12.0
±0.2
12.0
±0.2
E
1.75
±0.1
1.75
±0.1
1.75
±0.1
1.75
±0.1
F
3.5
±0.05
3.5
±0.05
5.5
±0.05
5.5
±0.05
P1
4.0
±0.1
4.0
±0.1
4.0
±0.1
4.0
±0.1
T
0.90
±0.1
0.90
±0.1
1.0
±0.1
1.0
±0.1
Tp
0.75
±0.1
0.75
±0.1
0.25
±0.1
0.25
±0.1
TAPE TYPE
0201
0402
0603
0805
1206
1210
2010
2512
Paper Tape
Plastic Tape
TAPE MATERIALS
A heat press sticks the transparent or half-transparent plastic
covered tape.
PACKAGE QUANTITY
Type
0201
0402
0603
0805
B
25,000
10,000
M
10,000
10,000
5,000
5,000
V
40,000
40,000
20,000
20,000
Type
1206
1210
2010
2512
B
5,000
M
5,000
4,000
4,000
4,000
V
20,000
20,000
20,000
20,000
The content of this specification may change without notification
REEL DRAWINGS
7” Reel (M)
13” Reel (V)
PACKAGE DIMENSIONS (mm)
7” Reel (M)
13” Reel (V)
M
180
± 3.0
330
±2.5
H
1.20
2.3
± 0.5
C
13.0
± 0.2
13.0
± 0.2
G
9.0
± 0.3
9.5
± 0.5
E
60
± 1.0
80.0
± 1.0
F
11.4
± 1.0
14.4
BULK CASE SCHEMATIC
BULK CASE DIMENSIONS (mm)
A
B
C
D
E
110. 0
± 0.7
36.0
± 0.2
12.0
± 0.1
31.5
±0.2
36.0
±0.2
F
G
H
I
J
K
6.8
±0.1
8.8
±0.1 12.0 ± 0.1 1.5 ± 0.1 2.0± 0.1
4.7
± 0.1
LABEL DESCRIPTION
One side surface of a reel is marked with a label with the
following items of information.
1.
Chip Resistor
2.
Part Number
3.
Tolerance
4.
Quantity
5.
Lot number for production month/year/suffix L*
6.
Manufacturer’s name or symbol
* The suffix “L” indicates that this item is lead free. As of September
2004, all new production items of the series CR and CJ are no
longer containing tin/lead (SnPb) terminals; they are lead free and in
compliance with Lead Free/RoHS.


Similar Part No. - CRT011000FB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRT01-1003FB AAC-CRT01-1003FB Datasheet
217Kb / 5P
   THICK FILM CHIP RESISTORS
CRT01-1003FM AAC-CRT01-1003FM Datasheet
217Kb / 5P
   THICK FILM CHIP RESISTORS
CRT01-1003FV AAC-CRT01-1003FV Datasheet
217Kb / 5P
   THICK FILM CHIP RESISTORS
CRT01-1003GB AAC-CRT01-1003GB Datasheet
217Kb / 5P
   THICK FILM CHIP RESISTORS
CRT01-1003GM AAC-CRT01-1003GM Datasheet
217Kb / 5P
   THICK FILM CHIP RESISTORS
More results

Similar Description - CRT011000FB

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com