Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THNCFXXXMAA Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # THNCFXXXMAA
Description  CompactFlash Card
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

THNCFXXXMAA Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button THNCFXXXMAA Datasheet HTML 32Page - Toshiba Semiconductor THNCFXXXMAA Datasheet HTML 33Page - Toshiba Semiconductor THNCFXXXMAA Datasheet HTML 34Page - Toshiba Semiconductor THNCFXXXMAA Datasheet HTML 35Page - Toshiba Semiconductor THNCFXXXMAA Datasheet HTML 36Page - Toshiba Semiconductor THNCFXXXMAA Datasheet HTML 37Page - Toshiba Semiconductor THNCFXXXMAA Datasheet HTML 38Page - Toshiba Semiconductor THNCFXXXMAA Datasheet HTML 39Page - Toshiba Semiconductor THNCFXXXMAA Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
2001-09-05 36/52
THNCFxxxMAA Series
Preliminary version
23.
Wear Level (code: F5H): This command effectively a NOP command and only implemented for backward
compatibility.
The Sector Count Register will always be returned with a 00H indicating Wear Level is not
needed.
24.
Write Buffer (code: E8H): This command enables the host to overwrite contents of the Card
’s sector
buffer with any data pattern desired.
25.
Write Long Sector
(code: 32H or 33H): This command is provided for compatibility purposes and is
similar to the Write Sector(s) command except that it writes 516 bytes instead of 512 bytes.
26.
Write Multiple (code: C5H): This command is similar to the Write Sectors command.
Interrupts are not
presented on each sector, but on the transfer of a block which contains the number of sectors defined by Set
Multiple command.
27.
Write Multiple without Erase (code: CDH): This command is similar to the Write Multiple command with
the exception that an implied erase before write operation is not performed.
28.
Write Sector(s): (code: 30H or 31H): This command writes from 1 to 256 sectors as specified in the
Sector Count register.
A sector count of zero requests 256 sectors.
The transfer begins at the sector
specified in the Sector Number register.
29.
Write Sector(s) without Erase (code: 38H): This command is similar to the Write Sector(s) command with
the exception that an implied erase before write operation is not performed.
30.
Write Verify (code: 3CH): This command is similar to the Write Sector(s) command, except each sector is
verified immediately after being written.


Similar Part No. - THNCFXXXMAA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THNCFXXXMBA TOSHIBA-THNCFXXXMBA Datasheet
526Kb / 48P
   The THNCFxxxMBA/BAI series CompactFlash card is a flash technology based with ATA interface flash memory card.
THNCFXXXMMA TOSHIBA-THNCFXXXMMA Datasheet
501Kb / 47P
   The THNCFxxxxMA series CompactFlash card is a flash technology based with ATA interface flash memory card
More results

Similar Description - THNCFXXXMAA

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com