Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3273142 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 3273142
Description  Distribution block - PTFIX 6X2,5-NS35A BN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273142 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3273142 Datasheet HTML 1Page - PHOENIX CONTACT 3273142 Datasheet HTML 2Page - PHOENIX CONTACT 3273142 Datasheet HTML 3Page - PHOENIX CONTACT 3273142 Datasheet HTML 4Page - PHOENIX CONTACT 3273142 Datasheet HTML 5Page - PHOENIX CONTACT 3273142 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/3273142
02/28/2019   Page 2 / 6
Distribution block - PTFIX 6X2,5-NS35A BN - 3273142
Technical data
General
Overvoltage category
III
Insulating material group
I
Maximum power dissipation for nominal condition
0.77 W (the value is based on one connection block and is multiplied
according to the pin assignment)
Maximum load current
32 A
Maximum total current
48 A
Nominal current IN
24 A
Nominal voltage UN
690 V
Open side panel
No
Shock protection test specification
DIN EN 50274 (VDE 0660-514):2002-11
Back of the hand protection
guaranteed
Finger protection
guaranteed
Result of surge voltage test
Test passed
Surge voltage test setpoint
9.8 kV
Result of power-frequency withstand voltage test
Test passed
Power frequency withstand voltage setpoint
1.89 kV
Result of the test for mechanical stability of terminal points (5 x
conductor connection)
Test passed
Result of bending test
Test passed
Bending test rotation speed
10 rpm
Bending test turns
135
Bending test conductor cross section/weight
0.14 mm² / 0.2 kg
2.5 mm² / 0.7 kg
4 mm² / 0.9 kg
Tensile test result
Test passed
Conductor cross section tensile test
0.14 mm²
Tractive force setpoint
10 N
Conductor cross section tensile test
2.5 mm²
Tractive force setpoint
50 N
Conductor cross section tensile test
4 mm²
Tractive force setpoint
60 N
Result of tight fit on support
Test passed
Tight fit on carrier
NS 35
Setpoint
1 N
Result of voltage-drop test
Test passed
Requirements, voltage drop
≤ 3.2 mV
Result of temperature-rise test
Test passed
Short circuit stability result
Test passed
Conductor cross section short circuit testing
2.5 mm²
Short-time current
0.3 kA
Conductor cross section short circuit testing
4 mm²


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn